Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5259 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX5259
Description  3V/5V, Low-Power, 8-Bit Octal DACs with Rail-to-Rail Output Buffers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5259 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX5259 Datasheet HTML 12Page - Maxim Integrated Products MAX5259 Datasheet HTML 13Page - Maxim Integrated Products MAX5259 Datasheet HTML 14Page - Maxim Integrated Products MAX5259 Datasheet HTML 15Page - Maxim Integrated Products MAX5259 Datasheet HTML 16Page - Maxim Integrated Products MAX5259 Datasheet HTML 17Page - Maxim Integrated Products MAX5259 Datasheet HTML 18Page - Maxim Integrated Products MAX5259 Datasheet HTML 19Page - Maxim Integrated Products MAX5259 Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Note: 1LSB = (VREF) ✕ (2
8) = +VREF (1 / 256)
____________________Chip Information
TRANSISTOR COUNT: 13625
PROCESS: BiCMOS
+3V/+5V, Low-Power, 8-Bit Octal DAC
with Rail-to-Rail Output Buffers
18
______________________________________________________________________________________
DAC A
REFERENCE INPUT
+3V
REF
VDD
DAC B
DAC C
DAC D
DAC E
DAC F
DAC G
DAC H
OUT A
OUT B
OUT C
OUT D
OUT E
OUT F
OUT G
OUT H
MAX5258/
MAX5259
Figure 11. Unipolar Output Circuit
DAC CONTENTS
MSB
LSB
ANALOG OUTPUT
1111
1111
+VREF(255/256)
1000
0001
+VREF(129/256)
1000
0000
+VREF(128/256) = +VREF/2
0111
1111
+VREF(127/256)
0000
0001
+VREF(1/256)
0000
0000
0
Table 2. Unipolar Code Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com