Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5259 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5259
Description  3V/5V, Low-Power, 8-Bit Octal DACs with Rail-to-Rail Output Buffers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5259 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5259 Datasheet HTML 7Page - Maxim Integrated Products MAX5259 Datasheet HTML 8Page - Maxim Integrated Products MAX5259 Datasheet HTML 9Page - Maxim Integrated Products MAX5259 Datasheet HTML 10Page - Maxim Integrated Products MAX5259 Datasheet HTML 11Page - Maxim Integrated Products MAX5259 Datasheet HTML 12Page - Maxim Integrated Products MAX5259 Datasheet HTML 13Page - Maxim Integrated Products MAX5259 Datasheet HTML 14Page - Maxim Integrated Products MAX5259 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
+3V/+5V, Low-Power, 8-Bit Octal DAC
with Rail-to-Rail Output Buffers
______________________________________________________________________________________
11
CS
SCLK
INSTRUCTION
EXECUTED
DIN
DACA
X X A2 A1 A0 C2 C1 C0 D7 D6 D5 D4 D3 D2 D1 D0
DATA FROM PREVIOUS DATA INPUT
X X A2 A1 A0 C2 C1 C0 D7 D6 D5 D4 D3 D2 D1 D0
X X A2 A1 A0 C2 C1 C0 D7 D6 D5 D4 D3 D2 D1 D0
DACA
X X A2 A1 A0 C2 C1 C0 D7 D6 D5 D4 D3 D2 D1 D0
DATA FROM PREVIOUS DATA INPUT
X X A2 A1 A0 C2 C1 C0 D7 D6 D5 D4 D3 D2 D1 D0
X X A2 A1 A0 C2 C1 C0 D7 D6 D5 D4 D3 D2 D1 D0
DOUT
MODE 1
DOUT
MODE 0
(DEFAULT)
Figure 1. 3-Wire Interface Timing
SCLK
tCSS
tCL
tCH
tCP
tCSW
tCS1
tD02
tCLL
tLDAC
tD01
tCSH
tDS
tDH
CS
DIN
DOUT
LDAC
Figure 2. Detailed Serial-Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com