Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5259 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5259
Description  3V/5V, Low-Power, 8-Bit Octal DACs with Rail-to-Rail Output Buffers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5259 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5259 Datasheet HTML 1Page - Maxim Integrated Products MAX5259 Datasheet HTML 2Page - Maxim Integrated Products MAX5259 Datasheet HTML 3Page - Maxim Integrated Products MAX5259 Datasheet HTML 4Page - Maxim Integrated Products MAX5259 Datasheet HTML 5Page - Maxim Integrated Products MAX5259 Datasheet HTML 6Page - Maxim Integrated Products MAX5259 Datasheet HTML 7Page - Maxim Integrated Products MAX5259 Datasheet HTML 8Page - Maxim Integrated Products MAX5259 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
+3V/+5V, Low-Power, 8-Bit Octal DAC
with Rail-to-Rail Output Buffers
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (MAX5259) (continued)
(VDD = +2.7V to +3.3V, VREF = +2.5V, GND = 0, RL = 10k
Ω, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at VDD = +3V, and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Feedthrough
Code = 00 hex
0.1
nV-s
Digital-to-Analog Glitch Impulse
Code = 80 to code = 7F hex
20
nV-S
VREF = 2.5Vp-p at 1kHz centered at 1.5V
code = FF hex
65
Signal-to-Noise Plus Distortion
Ratio
SINAD
VREF = 2.5Vp-pat 10kHz centered at 1.5V
code = FF hex
54
dB
Multiplying Bandwidth
VREF = 0.1Vp-p centered at VDD/2, -3dB
bandwidth
700
kHz
Wideband Amplifier Noise
60
µV
POWER REQUIREMENTS
Power-Supply Voltage
VDD
2.7
3.6
V
Supply Current
IDD
1.3
2.6
mA
Shutdown Supply Current
ISHDN
0.24
10
µA
TIMING CHARACTERISTICS (MAX5258)
(VREF = +4.096V, GND = 0, CDOUT = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VDD = +5V and
TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDD Rise-to-CS Fall-Setup Time
tVDCS
5
µs
LDAC Pulse Width Low
tLDAC
40
20
ns
CS Rise-to-LDAC Fall-Setup Time
(Note 4)
tCLL
40
ns
CS Pulse Width High
tCSW
90
ns
SCLK Clock Frequency (Note 5)
fCLK
10
MHz
SCLK Pulse Width High
tCH
40
ns
SCLK Pulse Width Low
tCL
40
ns
CS Fall-to-SCLK Rise-Setup Time
tCSS
40
ns
SCLK Rise-to-CS Rise-Hold Time
tCSH
0ns
DIN to SCLK Rise-to-Setup Time
tDS
40
ns
DIN to SCLK Rise-to-Hold Time
tDH
0ns
SCLK Rise-to-DOUT Valid
Propagation Delay (Note 6)
tDO1
200
ns
SCLK Fall-to-DOUT Valid
Propagation Delay (Note 7)
tDO2
210
ns
CS Rise-to-SCLK Rise-Setup
Time
tCS1
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com