Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5259 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX5259
Description  3V/5V, Low-Power, 8-Bit Octal DACs with Rail-to-Rail Output Buffers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5259 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX5259 Datasheet HTML 12Page - Maxim Integrated Products MAX5259 Datasheet HTML 13Page - Maxim Integrated Products MAX5259 Datasheet HTML 14Page - Maxim Integrated Products MAX5259 Datasheet HTML 15Page - Maxim Integrated Products MAX5259 Datasheet HTML 16Page - Maxim Integrated Products MAX5259 Datasheet HTML 17Page - Maxim Integrated Products MAX5259 Datasheet HTML 18Page - Maxim Integrated Products MAX5259 Datasheet HTML 19Page - Maxim Integrated Products MAX5259 Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
+3V/+5V, Low-Power, 8-Bit Octal DAC
with Rail-to-Rail Output Buffers
16
______________________________________________________________________________________
MAX5258/
MAX5259
SCLK
LDAC
DIN
CS
TO OTHER
SERIAL
DEVICES
MAX5258/
MAX5259
SCLK
LDAC
DIN
CS
MAX5258/
MAX5259
SCLK
LDAC
DIN
CS
CS1
CS2
CS3
DIN
SCLK
LDAC
Figure 4. Multiple MAX5258’s Sharing One DIN Line. (Simultaneously Update by Strobing LDAC, or Specifically Update by Enabling
an Individual CS)
MAX5258/
MAX5259
MICROWIRE
PORT
SCLK
DIN
CS
SK
SO
I/O
MAX5258/
MAX5259
SPI/QSPI
PORT
SCLK
DIN
CS
SCK
MOSI
I/O
CPOL = 0, CPHA = 0
Figure 5. Connections for MICROWIRE
Figure 6. Connections for SPI/QSPI
MAX5258/
MAX5259
MAX5258/
MAX5259
SCLK
DIN
CS
DOUT
DEVICE A
DEVICE B
DEVICE C
TO OTHER
SERIAL DEVICES
DOUT
DOUT
SCLK
DIN
CS
MAX5258/
MAX5259
SCLK
DIN
CS
SCLK
DIN
CS
SCLK
DIN
CS
MAX5258/
MAX5259
SCLK
DIN
CS
Figure 7. Daisy-Chained or Individual MAX5258s Simultaneously Updated by Bringing CS High (Only Three Wires Are Required)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com