Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5259 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5259
Description  3V/5V, Low-Power, 8-Bit Octal DACs with Rail-to-Rail Output Buffers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5259 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5259 Datasheet HTML 1Page - Maxim Integrated Products MAX5259 Datasheet HTML 2Page - Maxim Integrated Products MAX5259 Datasheet HTML 3Page - Maxim Integrated Products MAX5259 Datasheet HTML 4Page - Maxim Integrated Products MAX5259 Datasheet HTML 5Page - Maxim Integrated Products MAX5259 Datasheet HTML 6Page - Maxim Integrated Products MAX5259 Datasheet HTML 7Page - Maxim Integrated Products MAX5259 Datasheet HTML 8Page - Maxim Integrated Products MAX5259 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
+3V/+5V, Low-Power, 8-Bit Octal DAC
with Rail-to-Rail Output Buffers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (MAX5259)
(VDD = +2.7V to +3.3V, VREF = +2.5V, GND = 0, RL = 10k
Ω, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at VDD = +3V, and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC ACCURACY
Resolution
8
Bits
Integral Non Linearity (Note 1)
INL
±0.1
±1
LSB
Differential Non Linearity (Note 1)
DNL
Guaranteed monotonic (all codes)
±0.1
±1
LSB
Zero-Code Error
ZCE
Code = 0A hex
±2.5
±20
mV
Zero-Code Error Supply
Rejection
Code = 0A hex.
0.15
1
LSB
Zero-Code Temperature
Coefficient
Code = 0A hex
±10
µV/oC
Full-Scale Error
Code = FF hex
±0.7
±30
mV
Full-Scale Error Supply Rejection
Code = FF hex
0.2
1
LSB
Full-Scale Temperature
Coefficient
Code = FF hex
±10
µV/oC
REFERENCE INPUTS
Input Voltage Range
0VDD
V
Input Resistance
161
218
300
k
Input Capacitance
20
pF
DAC OUTPUTS
Output Voltage Swing
RL = 10k
Ωto GND
0
VDD
0.3
V
Output Voltage Range
RL = 10k
Ω to GND
0
VREF
V
DIGITAL INPUTS
Input High Voltage
VIH
0.7 x
VDD
V
Input Low Voltage
VIL
0.3 x
V
DD
V
Input Current
IIN
VIN = 0 to VDD
±1.0
µA
Input Capacitance
CIN
(Note 3)
10
pF
DIGITAL OUTPUTS
Output High Voltage
VOH
ISOURCE = 0.2mA
VDD
0.5
V
Output Low Voltage
VOL
ISINK = 1.6mA
0.4
V
DYNAMIC PERFORMANCE
Voltage-Output Slew Rate
Code = FF hex
0.55
V/
µs
Output Settling Time
To 1/2 LSB, from code 0A to code FF hex
(Note 2)
7
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com