Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8428-R Datasheet(PDF) 5 Page - Holt Integrated Circuits

Part # HI-8428-R
Description  Airbus ABD0100H specification compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8428-R Datasheet(HTML) 5 Page - Holt Integrated Circuits

  HI-8428-R Datasheet HTML 1Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 2Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 3Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 4Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 5Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 6Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 7Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 8Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
FUNCTIONAL DESCRIPTION (cont.)
HOLT INTEGRATED CIRCUITS
5
WETTING CURRENT
In Ground/Open mode a current of approximately 1mA is
sourced from the SENSE pin when it is grounded and VDD is
powered at 12.0V. The wetting current serves to provide
current through switches or relay contacts to prevent dry
contacts and improve switch contact reliability.
When programmed as Supply/Open sensors, CRn is set to a
logic 0. Referring to Figure 1,
Supply/Open thresholds are set at >12V
for the supply state and <6V for the open state, providing 3 -
6V of hysteresis / noise rejection.
For the Supply/Open case the wetting current into the sense
input is simply the current sunk by the effective 30k
to
GND. For V
= 28V, I
is 1ma. See Figure 2.
SUPPLY/OPEN SENSING
WETTING CURRENT
Ω
SENSE
WET
a switch in series with a diode
is closed to provide a pull down to ground of 30k
(including
the external 3k ).
Ω
Ω
BUILT-IN TEST
Writing a high in Configuration Register bit CR9 puts the
HI-8428-R into the Built-In Test (BIT) mode. Referring to
Figure 1, when in the test mode each of the internal inputs
to the sense comparators are set to either a high or low.
Since the input sense pin is isolated by a 680k
resistor,
this test mode will not disturb the actual status of the input
pin.
When in BIT mode, setting CRn high for a particular sensor
forces the comparator inputs high. A zero in CRn forces the
comparator input low. To verify correct comparator
behavior, the user must read the Data Register and
compare with the value written to CR1-8.
Certain flight applications require periodic sensor
testing during flight.
Ω
NOTE:
To ensure seamless transition
between BIT mode and normal operation mode, the
following steps should be followed:
1) The host should read and record the Configuration
Register value for normal mode operation.
2) The host should read and record the last value of
the Data Register before enabling BIT mode
(CR9 = 1).
HI-8428-R
V
(V)
SENSE
-10
0
102030405060
1.75
1.55
1.35
1.15
0.95
0.75
0.55
0.35
0.15
-0.05
Figure 2.
Supply/Open Mode SENSE Input IV Characteristic (VDD = 15V)
V
(V)
SENSE
-10
0
102030405060
0.2
-0.3
-0.8
-1.3
-1.8
-2.3
Figure 3.
Ground/Open Mode SENSE Input IV Characteristic (VDD = 15V)
V
(V)
SENSE
-10
0
102030405060
Figure 5.
Power-Off SENSE Input IV Characteristics
350
300
250
200
150
100
50
0
-50
V
=V
=GND
DD
LOGIC
V
=V
=Open
DD
LOGIC
V
(V)
SENSE
-10
0
102030405060
60
50
40
30
20
10
0
-10
-20
Figure 4.
Hi-Z SENSE Input IV Characteristic (VDD = 15V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com