Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8428-R Datasheet(PDF) 14 Page - Holt Integrated Circuits

Part # HI-8428-R
Description  Airbus ABD0100H specification compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8428-R Datasheet(HTML) 14 Page - Holt Integrated Circuits

Back Button HI-8428-R Datasheet HTML 8Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 9Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 10Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 11Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 12Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 13Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 14Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 15Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 16Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
HI - 8428PS x x x
-
ORDERING INFORMATION
HOLT INTEGRATED CIRCUITS
14
PART
NUMBER
SENSE PIN INPUT RESISTANCE
7k
INTERNAL RESISTOR. 3k
REQUIRED EXTERNALLY
ΩΩ
PART
NUMBER
LEAD
FINISH
Blank
Tin / Lead (Sn /Pb) Solder
F
100% Matte Tin (Pb-free, RoHS compliant)
PART
NUMBER
TEMPERATURE
RANGE
FLOW
BURN
IN
I
-40°C TO +85°C
I
NO
T
-55°C TO +125°C
T
NO
M
-55°C TO +125°C
M
YES
HI-8428-R
-R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com