Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8428-R Datasheet(PDF) 9 Page - Holt Integrated Circuits

Part # HI-8428-R
Description  Airbus ABD0100H specification compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8428-R Datasheet(HTML) 9 Page - Holt Integrated Circuits

Back Button HI-8428-R Datasheet HTML 5Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 6Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 7Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 8Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 9Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 10Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 11Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 12Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 13Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
HOLT INTEGRATED CIRCUITS
9
Figure 14. 18 bit “Daisy Chained” Configuration Register Write
FUNCTIONAL DESCRIPTION (cont.)
HI-8428-R
CS
SI
SCK
SPI Mode 0
12
3
4
5
67
High Z
8
910 11 12 13 14 15 16
SEL
SO
CR9 CR8 CR7 CR6 CR5 CR4 CR3 CR2
High Z
CR1
NCD
9
NCD
8
NCD
7
NCD
6
NCD
5
NCD
4
NCD
3
NCD
9
New Configuration Register data (NCD9-1) is loaded into Configuration Register on
rising edge
CS
NCDn = New Configuration Register bits to be written to CR
CRn = Old Configuration Register bits read from CR prior to CR write
DCDn = Daisy-chain CR bits from HI-8428-R earlier in chain shifting through the part to be latched in HI-8428-R next in the chain
17 18
NCD
2
NCD
1
DCD
9
DCD
8
DCD
7
DCD
6
DCD
5
DCD
4
DCD
3
DCD
2
DCD
1
DCD
9
DCD
8
DCD
7
DCD
6
DCD
5
DCD
4
DCD
3
DCD
2
DCD
1
Figure 15. Multiple Chip “Daisy-Chain” Connection
24 Channel Sensor Application using HI-8428-R
Host Controller
SEL
SCK
CS
MOSI
HI-8428-R
Device 2
HI-8428-R
Device 3
SI
MISO
SCK
CS
SO
SEL
SCK
CS
HI-8428-R
Device 1
SENSE8
SENSE7
SENSE6
SENSE5
SENSE4
SENSE3
SENSE2
SENSE1
SENSE8
SENSE7
SENSE6
SENSE5
SENSE4
SENSE3
SENSE2
SENSE1
SENSE8
SENSE7
SENSE6
SENSE5
SENSE4
SENSE3
SENSE2
SENSE1
SEL
SEL
SCK
CS
SEL
SCK
CS
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
SENSE8
SENSE7
SENSE6
SENSE5
SENSE4
SENSE3
SENSE2
SENSE1
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com