Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8428-R Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-8428-R
Description  Airbus ABD0100H specification compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8428-R Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-8428-R Datasheet HTML 1Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 2Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 3Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 4Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 5Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 6Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 7Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 8Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
HI-8428-R
8-Channel Ground/Open or Supply/Open
Sensor with SPI Interface
GENERAL DESCRIPTION
FEATURES
The HI-8428-R is an 8-channel discrete-to-digital sensor
fabricated with Silicon-on-Insulator (SOI) technology
designed to interface with a Serial Peripheral Interface
(SPI).
Each input is individually configurable as either GND/Open
or Supply/Open (28V/Open). Discrete input thresholds and
hysteresis are compliant with Airbus ABD0100H
specification. In GND/Open mode, thresholds are set at
4.5V/10.5V, and in Supply/Open mode at 6V/12V.
The part operates from a 3.3V (+/- 5%) digital supply and
12V - 16.5V analog supply.
A 1mA wetting current is sourced from each SENSE input
when GND/Open mode is selected for that pin. The wetting
current serves to prevent dry relay or switch contacts.
All sense inputs are lightning protected to RTCA/DO160G,
Section 22 Level 3 Pin Injection Test Waveform Set A (3 &
4), Set B (3 & 5A) and Set Z (3 & 5B) when used with the
required external
resistors. Levels 4 and 5 lightning
protection can also be obtained by using the required
external 3k
series resistor and a TVS at each SENSE
input.
HI-8428-R is a drop-in replacement for the DEI1284.
3kΩ
Ω
·
·
·
·
·
·
·
·
·
Pin Injection Test
Robust CMOS Silicon-on-Insulator (SOI) technology
Eight discrete inputs, individually configurable as
GND/Open or Supply/Open
Airbus ABD0100H specification compliant
MIL-STD-704 compliant
Sense inputs lightning protected to RTCA/DO1060G,
Section 22 Level 3
10MHz Serial Peripheral Interface (SPI) allows daisy-
chaining of parts for efficient board routing
Withstands inadvertent application of 115V AC/400Hz
power to Sense inputs.
Drop-in replacement for DEI1284
Internal Self-Test mode checks analog comparators
and logic
October 2015
16-Pin Plastic Small Outline
Narrow-body Package
PIN CONFIGURATION
APPLICATION
· Avionics Discrete to Digital Sensing
HOLT INTEGRATED CIRCUITS
(DS8428-R Rev. A)
10/15
www.holtic.com
HI-8428PSx-R
SENSE1 1
SENSE2 2
SENSE3 3
SENSE4 4
SENSE5 5
SENSE6 6
SENSE7 7
SENSE8 8
16 VDD
15 GND
14 VLOGIC
13 SEL
12 SI
11
10 SCK
9SO
CS


Similar Part No. - HI-8428-R

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8428 HOLTIC-HI-8428 Datasheet
124Kb / 16P
MIL-STD-704 compliant
More results

Similar Description - HI-8428-R

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MBH7BT08 FUJITSU-MBH7BT08 Datasheet
93Kb / 13P
Bluetooth Specification Version 1.1 Compliant
logo
List of Unclassifed Man...
ISD-200 ETC2-ISD-200 Datasheet
370Kb / 64P
USB Mass Storage Class Bulk-Only Specification Compliant
logo
ATMEL Corporation
TSS463B ATMEL-TSS463B_14 Datasheet
955Kb / 59P
Fully Compliant to VAN Specification
logo
List of Unclassifed Man...
PL-2506 ETC2-PL-2506 Datasheet
157Kb / 1P
Universal Serial Bus Specification 2.0 Compliant
PL2551 ETC2-PL2551 Datasheet
296Kb / 1P
Universal Serial Bus Specification 2.0 Compliant
logo
Maxim Integrated Produc...
DS28E84EVKIT MAXIM-DS28E84EVKIT Datasheet
2Mb / 15P
Fully Compliant with USB Specification v2.0
2019
DS28E83EVKIT MAXIM-DS28E83EVKIT Datasheet
2Mb / 16P
Fully Compliant with USB Specification v2.0
Rev 0; 3/18
DS28E38EVKIT MAXIM-DS28E38EVKIT Datasheet
6Mb / 29P
Fully Compliant with USB Specification v2.0
Rev 2; 3/19
DS28E18EVKIT MAXIM-DS28E18EVKIT Datasheet
3Mb / 11P
Fully Compliant with USB 2.0 Specification
Rev 0; 6/20
DS28E16EVKIT MAXIM-DS28E16EVKIT Datasheet
2Mb / 7P
Fully Compliant with USB Specification v2.0
Rev 0; 3/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com