Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8428-R Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-8428-R
Description  Airbus ABD0100H specification compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8428-R Datasheet(HTML) 6 Page - Holt Integrated Circuits

Back Button HI-8428-R Datasheet HTML 2Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 3Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 4Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 5Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 6Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 7Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 8Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 9Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 10Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
FUNCTIONAL DESCRIPTION (cont.)
HOLT INTEGRATED CIRCUITS
6
3) Following test completion,
, the host should set the sensor outputs to
their pre-test values by writing bits CR8 - CR1 with
their corresponding Data Register pre-test values
recorded in step 2) above.
4) Normal operation (CR9 = 0) is restored by writing
the Configuration Register with its pre-test value
stored in step 1).
to be reduced
but while still in BIT
mode
INPUT THRESHOLD CHARACTERISTIC
The input threshold has some variation with the VDD supply
and with temperature. Using a temperature controlled
resistor with a positive temperature coefficient will allow the
variation over temperature
.
Below are some charts that show the typical characteristics
with a non temperature controlled resistor (NTCR) and with a
temperature controlled resistor (TCR).
When using the temperature compensated resistor
option; a 3k ohm resistor should be selected that has a
PTC (positive temperature coefficient) of 3000ppm. This
resistor will also need to meet the lightning protection
criteria for both wattage and voltage, please contact Holt
Support for guidelines on this.
RESISTOR SELECTION
HI-8428-R
Figure 8.
Input Threshold Characteristic, Spply/Open Low
Figure 9
Input Threshold Characteristic, Supply/Open High
Figure 6.
Input Threshold Characteristics, Ground/Open Low
Figure 7.
Input Threshold Characteristic, Ground/Open High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com