Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8428-R Datasheet(PDF) 10 Page - Holt Integrated Circuits

Part # HI-8428-R
Description  Airbus ABD0100H specification compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8428-R Datasheet(HTML) 10 Page - Holt Integrated Circuits

Back Button HI-8428-R Datasheet HTML 6Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 7Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 8Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 9Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 10Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 11Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 12Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 13Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 14Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
HOLT INTEGRATED CIRCUITS
10
LIGHTNING PROTECTION
All SENSEn inputs are protected to RTCA/DO-160G, Section 22 Pin Injection Test, Categories A3 and B3, Waveforms 3, 4, 5A,
5B with the recommended external 3k
series resistor. Table 2 and Figure 12 give values and waveforms. See Application Note
AN-305 for recommendations on lightning protection of Holt’s family of Discrete-to-Digital devices.
Ω
Figure 16. Lightning Waveforms
Table 2. Waveform Peak Amplitudes
Level
Waveforms
3/3
4/1
5A/5A
Voc (V) / Isc (A)
Voc (V) / Isc (A)
Voc (V) / Isc (A)
3
600/24
300/60
300/300
5B/5B
Voc (V) / Isc (A)
300/300
0.0
0.3
0.5
0.8
1.0
Voltage Waveform 4
T2
T1
V(%)
T1 = 6.4µs +/-20%
T2 = 69µs +/-20%
t
50%
Peak
0.0
0.3
0.5
0.8
1.0
Current/Voltage Waveform 5A
T2
T1
I/V (%)
T1 = 40µs +/-20%
T2 = 120µs +/-20%
t
50%
Peak
-1.0
-0.5
0.0
0.5
1.0
t
Voltage/CurrentWaveform 3
Peak
50%
V/I (%)
1us/div.
0.0
0.3
0.5
0.8
1.0
Current/Voltage Waveform 5B
T2
T1
I/V (%)
T1 = 50µs +/-20%
T2 = 500µs +/-20%
t
50%
Peak
FUNCTIONAL DESCRIPTION (cont.)
HI-8428-R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com