Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8428-R Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-8428-R
Description  Airbus ABD0100H specification compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8428-R Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-8428-R Datasheet HTML 1Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 2Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 3Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 4Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 5Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 6Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 7Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 8Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
FUNCTIONAL DESCRIPTION
HOLT INTEGRATED CIRCUITS
4
Configuration Register data is loaded serially from the SPI
as described in the Serial Interface section below. The first
bit of the Configuration Register (CR9) enables built-in-self
test when set to a one. For normal sensing operation, CR9
should be zero. The next eight Configuration Register bits
(CR8-1) set the sensing mode for each sensor. If set to a
one, the sensor is GND/Open, and if programmed to a zero
the sensor is Supply/Open. Data is shifted into the
Configuration Register from the serial interface with bit CR9
first.
GND/OPEN SENSING
For GND/Open sensing, the CRn bit is set to 1. Referring
to the Block Diagram, Figure 1, this selection will connect a
12k
pull-up resistance (including the external 3
through a diode to VDD. This resistance gives extra noise
immunity for detecting the open state while providing
contact wetting current. An open state is first registered
when the SENSE input is greater than 10.5V. The output of
the sensor remains high until a voltage of < 4.5V is
detected at the SENSE input, representing a valid Ground
state, causing the sensor output to go low. The Sensor will
maintain a Ground detect state until the SENSE input
returns to >10.5V. The effect of the two defined thresholds
for Ground and Open introduces 3 - 6V of hysteresis and
provides for a high degree of noise immunity.
Ωk )
Ω
SENSEn
Crn
DRn
ISENSE
Open or > 10.5V
1
(GND/Open)
1
< 4.5V
1
(GND/Open)
0
1 mA
Open or < 7.5V
0 (Supply/Open)
0
> 12V
0 (Supply/Open)
1
Table 1. Function Table
HI-8428-R
OVERVIEW
The HI-8428-R is comprised of 8 sensors, which may be
individually configured for GND/Open or Supply/Open (also
known as 28V/Open) sensing. Eight bits of the on-chip
Configuration Register are used to set the sensor
configuration. A one in the Configuration Register selects
GND/Open and a zero selects Supply/Open mode. A ninth
bit in the Configuration Register is used to enable the chip’s
Built-In-Test (BIT) feature. The logical output from each
sensor is latched into an eight-bit Data Register on the
falling edge of the
input.
Reading from and writing to the Configuration Register and
Data Register is accomplished using a serial interface
compatible with the industry-standard Serial Peripheral
Interface (SPI) bus.
Figure 1 shows a simplified block diagram of the HI-8428-R.
CS
RESET AND INITIALIZATION
CONFIGURATION REGISTER
The HI-8428-R includes an on-chip Power-On Reset (POR)
circuit, which forces the SENSE inputs to a high-impedance
state at power-up. Switches SW1 and SW2 (see Figure 1)
are open. The inputs remain high-impedance until the
Configuration Register is programmed, defining the
GND/Open (SW1 closed / SW2 open), or Supply/Open
(SW1 open / SW2 closed) for each sensor.
The HI-8428-R registers are designed to retain programmed
logic states through VLOGIC power dips down to 1.5V
ensuring reliable operation in noisy environments without
the need to re-initialize the part.
7
654321
First Bit shifted in from SI
8
9
Last Bit shifted in from SI
DATA REGISTER
7
654321
First Bit shifted out of SO
8
Last Bit shifted out of SO
The eight-bit Data Register captures the output state from
the eight discrete sensors. Data is latched on the falling
edge of
. The Data bits are read out from the chip over
the serial interface. Sensor 8 data bit is output first at SO
followed by the remaining seven sensor states. In either
mode (GND/Open or Supply/Open), a logic one is output
when the voltage at the sensor pin input is greater than
the high threshold and a logic zero is output when the
sensor voltage is lower than the low threshold, (see table
1).
Multiple HI-8428-Rs may be daisy-chained together to
allow a single SPI read sequence to program
configuration or capture data from several ICs in one
operation.
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com