Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8428-R Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-8428-R
Description  Airbus ABD0100H specification compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8428-R Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-8428-R Datasheet HTML 1Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 2Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 3Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 4Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 5Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 6Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 7Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 8Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
HOLT INTEGRATED CIRCUITS
3
PIN
SYMBOL
FUNCTION
DESCRIPTION
1
SENSE1
2
SENSE2
3
4
5
6
8
10
11
12
13
14
VLOGIC
15
GND
16
VDD
Discrete Input
Sense input 2. Mapped
7
SENSE7
9
Discrete Input
Sense input 1. Mapped to last (eighth) SPI bit shifted out of SO during data read
to seventh SPI bit shifted out of SO during data read
SENSE3
Discrete Input
Sense input 3. Mapped to sixth SPI bit shifted out of SO during data read
SENSE4
Discrete Input
Sense input 4. Mapped to fifth SPI bit shifted out of SO during data read
SENSE5
Discrete Input
Sense input 5. Mapped to fourth SPI bit shifted out of SO during data read
SENSE6
Discrete Input
Sense input 6. Mapped to third SPI bit shifted out of SO during data read
Discrete Input
Sense input 7. Mapped to second SPI bit shifted out of SO during data read
SENSE8
Discrete Input
Sense input 8. Mapped to first SPI bit shifted out of SO during data read
SO
Digital Output
SPI Data out
SCK
Logic Input
SPI clock input. 10MHz maximum clock frequency.
Logic Input
Chip Select. SPI data transfers are enabled when
is low
SI
Logic Input
SPI Data input.
SEL
Logic Input
Register Select. SEL high selects Data register. SEL low, selects Configuration register
Supply
Logic supply voltage. 3.3V +/- 5%
Supply
Ground
Supply
Analog Supply voltage 12V to 16.5V
CS
CS
PIN DESCRIPTIONS
HI-8428-R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com