Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8428-R Datasheet(PDF) 7 Page - Holt Integrated Circuits

Part # HI-8428-R
Description  Airbus ABD0100H specification compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8428-R Datasheet(HTML) 7 Page - Holt Integrated Circuits

Back Button HI-8428-R Datasheet HTML 3Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 4Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 5Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 6Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 7Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 8Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 9Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 10Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 11Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DATA REGISTER SPI TRANSFERS
CONFIGURATION REGISTER SPI TRANSFERS
The SEL pin is used to select between SPI transfers to/from the
Data Register or Configuration Regster. When SEL is high, the
Data Register path is selected for the transfer, as follows:
When
goes low, the output of each sensor is latched into the
Data Register and DR8 is output at SO. The next 7 rising edges
of SCK shift out Data Register bits 7 through 1. Simultaneously,
data presented at SI is shifted into the Data Register, DR8 is
written on the first rising edge of SCK and DR1 on the eight SCK
rising edge. The eighth SCK edge also causes the new DR8
value to be output at SO (see figure 10). This data transfer
method allows multiple HI-8428-R devices to be “daisy-
chained” such that the Data Registers from each device are
cascaded to form a single shift register. Figure 15 shows a
typical configuration of three daisy-chained HI-8428-Rs to form
a 24-input sensor. Note that when reading from more than one
device,
must remain low throughout the data read
sequence. Taking
high and then low again between eight-bit
reads will cause the sensor data to be re-latched into the Data
Registers, overwriting data shifted in from earlier HI-8428-Rs in
the chain. See Figure 11 for an example of a 24-bit Data
Register read operation.
CS
CS
CS
The SEL pin is held low for SPI accesses to the Configuration
Register. Write / read timing is identical to Data Register
transfers, except with the added complication that the
Configuration Register is nine bits rather than eight bits. Care
should be taken to ensure correct bit alignment when shifting
data into and out of the register, particularly when daisy-
chaining multiple devices. Figures 12 - 14 show examples of a
single 9-bit transfer, padded 16-bit transfer and daisy-
chained18-bit transfer.
SI8
DR8
High Z
High Z
CS
SO
SI
SCK (SPI Mode 0)
Figure 10. Single-Byte Data Register Read
SERIAL PERIPHERAL INTERFACE
The HI-8428-R uses a SPI (Serial Peripheral Interface) for host
access to the internal Configuration and Data Registers which
program the sensor mode and store sensor status. Host serial
communication is enabled through the active low, Chip Select
(
) pin, and is accessed via a four-wire interface consisting of
Serial Data Input (SI) from the host, Serial Data Output (SO) to
the host, the Serial Clock (SCK) and the
. All read / write
cycles are completely self-timed.
The SPI protocol specifies master and slave operation; the
HI-8428-R operates as a SPI slave.
T
As seen in Figure 10, SPI Mode 0 holds SCK in the low state
when idle. The SPI protocol transfers serial data in 8-bit bytes.
Once
is asserted, the rising edge of SCK shifts the input
data into the slave devices, starting with each byte's most-
significant bit. A rising edge on
completes the serial transfer
and re-initializes the HI-8428-R SPI for the next transfer. If
goes high before a full byte is clocked by SCK, the incomplete
byte clocked into the device will be latched.
Both master and slave simultaneously send and receive serial
data (full duplex), per Figure 10 below. The HI-8428-R
maintains high impedance on the SO output whenever
is
high.
The maximum SCK frequency is 10MHz. The HI-8428-R logic
is fully static and therefore there is no minimum SCK speed.
CS
CS
CS
CS
CS
he SPI protocol defines two parameters, CPOL (clock
polarity) and CPHA (clock phase). The possible CPOL-CPHA
combinations define four possible “SPI Modes”. The HI-8428-R
operation is based on Mode 0 (CPHA = 0, CPOL = 0), where
input data for each device is clocked on the rising edge of SCK,
but data is also clocked out on the positive edge, see figure 10.
CS
HOLT INTEGRATED CIRCUITS
7
SEL
VALID
SENSEn
DR7
DR6
DR5
DR4
DR3
DR2
DR1
SI8
FUNCTIONAL DESCRIPTION (cont.)
HI-8428-R
Data is shifted out of Data Register on rising edge of SCK
Sensor state is latched into Data Register on falling edge of CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com