Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765/PT Datasheet(PDF) 101 Page - Microchip Technology

Part # PIC16C765/PT
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765/PT Datasheet(HTML) 101 Page - Microchip Technology

Back Button PIC16C765/PT Datasheet HTML 97Page - Microchip Technology PIC16C765/PT Datasheet HTML 98Page - Microchip Technology PIC16C765/PT Datasheet HTML 99Page - Microchip Technology PIC16C765/PT Datasheet HTML 100Page - Microchip Technology PIC16C765/PT Datasheet HTML 101Page - Microchip Technology PIC16C765/PT Datasheet HTML 102Page - Microchip Technology PIC16C765/PT Datasheet HTML 103Page - Microchip Technology PIC16C765/PT Datasheet HTML 104Page - Microchip Technology PIC16C765/PT Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 158 page
background image
© 1999 Microchip Technology Inc.
Advanced Information
DS41124A-page 101
PIC16C745/765
TABLE 13-7:
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Power-on Reset
Brown-out Reset
MCLR Resets
WDT Reset
Wake-up via WDT or
Interrupt
W
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF
N/A
N/A
N/A
TMR0
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
0000h
0000h
PC + 1(2)
STATUS
0001 1xxx
000q quuu(3)
uuuq quuu(3)
FSR
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA
--0x 0000
--0u 0000
--uu uuuu
PORTB
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTC
xx-- -xxx
uu-- -uuu
uu-- -uuu
PORTD(4)
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTE(4)
---- -xxx
---- -uuu
---- -uuu
PCLATH
---0 0000
---0 0000
---u uuuu
INTCON
0000 000x
0000 000u
uuuu uuuu(1)
PIR1
0000 0000
0000 0000
uuuu uuuu(1)
PIR2
---- ---0
---- ---0
---- ---u(1)
TMR1L
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1H
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
--00 0000
--uu uuuu
--uu uuuu
TMR2
0000 0000
0000 0000
uuuu uuuu
T2CON
-000 0000
-000 0000
-uuu uuuu
CCPR1L
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1H
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON
--00 0000
--00 0000
--uu uuuu
RCSTA
0000 -00x
0000 -00x
uuuu -uuu
TXREG
0000 0000
0000 0000
uuuu uuuu
RCREG
0000 0000
0000 0000
uuuu uuuu
CCPR2L
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR2H
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP2CON
0000 0000
0000 0000
uuuu uuuu
ADRES
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
0000 00-0
0000 00-0
uuuu uu-u
OPTION_REG
1111 1111
1111 1111
uuuu uuuu
TRISA
--11 1111
--11 1111
--uu uuuu
TRISB
1111 1111
1111 1111
uuuu uuuu
TRISC
11-- -111
11-- -111
uu-- -uuu
TRISD(4)
1111 1111
1111 1111
uuuu uuuu
Legend: u = unchanged,
x
= unknown,
-
= unimplemented bit, read as ’0’, q = value depends on condition
Note 1: One or more bits in INTCON, PIR1 and/or PIR2 will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector (0004h).
3:
See Table 13-5 for reset value for specific condition.
4:
PIC16C765 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com