Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765/PT Datasheet(PDF) 102 Page - Microchip Technology

Part # PIC16C765/PT
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765/PT Datasheet(HTML) 102 Page - Microchip Technology

Back Button PIC16C765/PT Datasheet HTML 98Page - Microchip Technology PIC16C765/PT Datasheet HTML 99Page - Microchip Technology PIC16C765/PT Datasheet HTML 100Page - Microchip Technology PIC16C765/PT Datasheet HTML 101Page - Microchip Technology PIC16C765/PT Datasheet HTML 102Page - Microchip Technology PIC16C765/PT Datasheet HTML 103Page - Microchip Technology PIC16C765/PT Datasheet HTML 104Page - Microchip Technology PIC16C765/PT Datasheet HTML 105Page - Microchip Technology PIC16C765/PT Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 158 page
background image
PIC16C745/765
DS41124A-page 102
Advanced Information
© 1999 Microchip Technology Inc.
TRISE(4)
0000 -111
0000 -111
uuuu -uuu
PIE1
0000 0000
0000 0000
uuuu uuuu
PIE2
---- ---0
---- ---0
---- ---u
PCON
---- --0q
(3)
---- --uu
---- --uu
PR2
1111 1111
1111 1111
1111 1111
TXSTA
0000 -010
0000 -010
uuuu -uuu
SPBRG
0000 0000
0000 0000
uuuu uuuu
ADCON1
---- -000
---- -000
---- -uuu
UIR
--00 0000
--00 0000
--00 0000
UIE
--00 0000
--00 0000
--00 0000
UEIR
0000 0000
0000 0000
0000 0000
UEIE
0000 0000
0000 0000
0000 0000
USTAT
---x xx--
---u uu--
---u uu--
UCTRL
--x0 000-
--xq qqq-
--xq qqq-
UADDR
-000 0000
-000 0000
-000 0000
USWSTAT
0000 0000
0000 0000
0000 0000
UEP0
---- 0000
---- 0000
---- 0000
UEP1
---- 0000
---- 0000
---- 0000
UEP2
---- 0000
---- 0000
---- 0000
TABLE 13-7:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Power-on Reset
Brown-out Reset
MCLR Resets
WDT Reset
Wake-up via WDT or
Interrupt
Legend: u = unchanged,
x
= unknown,
-
= unimplemented bit, read as ’0’, q = value depends on condition
Note 1: One or more bits in INTCON, PIR1 and/or PIR2 will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector (0004h).
3:
See Table 13-5 for reset value for specific condition.
4:
PIC16C765 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com