Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765/PT Datasheet(PDF) 104 Page - Microchip Technology

Part # PIC16C765/PT
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765/PT Datasheet(HTML) 104 Page - Microchip Technology

Back Button PIC16C765/PT Datasheet HTML 100Page - Microchip Technology PIC16C765/PT Datasheet HTML 101Page - Microchip Technology PIC16C765/PT Datasheet HTML 102Page - Microchip Technology PIC16C765/PT Datasheet HTML 103Page - Microchip Technology PIC16C765/PT Datasheet HTML 104Page - Microchip Technology PIC16C765/PT Datasheet HTML 105Page - Microchip Technology PIC16C765/PT Datasheet HTML 106Page - Microchip Technology PIC16C765/PT Datasheet HTML 107Page - Microchip Technology PIC16C765/PT Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 158 page
background image
PIC16C745/765
DS41124A-page 104
Advanced Information
© 1999 Microchip Technology Inc.
FIGURE 13-5: WAKE-UP FROM SLEEP THROUGH INTERRUPT
FIGURE 13-6: INTERRUPT LOGIC
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
PC+2
Interrupt Latency(2)
Inst(PC + 2)
Inst(PC + 1)
Inst(0004h)
Inst(0005h)
Inst(0004h)
Dummy cycle
PC + 2
0004h
0005h
Dummy cycle
Tost(2)
PC+2
OSC1
CLKOUT(4)
INT pin
INTF flag
(INTCON<1>)
GIE bit
(INTCON<7>)
INSTRUCTION FLOW
PC
Instruction
fetched
Instruction
executed
Processor in
SLEEP
Note 1:
HS oscillator mode assumed.
2:
TOST = 1024TOSC (drawing not to scale). This delay is not present in EC osc mode.
3:
GIE = ’1’ assumed. After wake- up, the processor jumps to the interrupt routine. If GIE = ’0’, execution will continue in-line.
4:
CLKOUT is not available in these osc modes, but shown here for timing reference.
PSPIF(1)
PSPIE(1)
ADIF
ADIE
RCIF
RCIE
TXIF
TXIE
USBIF
USBIE
CCP1IF
CCP1IE
TMR2IF
TMR2IE
TMR1IF
TMR1IE
T0IF
T0IE
INTF
INTE
RBIF
RBIE
GIE
PEIE
Wake-up (If in SLEEP mode)
Interrupt to CPU
CCP2IE
CCP2IF
The following table shows the interrupts for each device.
Note 1:
PIC16C765 only.
Device
T0IF
INTF
RBIF
PSPIF
ADIF
RCIF
TXIF
USBIF
CCP1IF
TMR2IF
TMR1IF
CCP2IF
PIC16C745
Yes
Yes
Yes
—
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
PIC16C765
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com