Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765/PT Datasheet(PDF) 103 Page - Microchip Technology

Part # PIC16C765/PT
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765/PT Datasheet(HTML) 103 Page - Microchip Technology

Back Button PIC16C765/PT Datasheet HTML 99Page - Microchip Technology PIC16C765/PT Datasheet HTML 100Page - Microchip Technology PIC16C765/PT Datasheet HTML 101Page - Microchip Technology PIC16C765/PT Datasheet HTML 102Page - Microchip Technology PIC16C765/PT Datasheet HTML 103Page - Microchip Technology PIC16C765/PT Datasheet HTML 104Page - Microchip Technology PIC16C765/PT Datasheet HTML 105Page - Microchip Technology PIC16C765/PT Datasheet HTML 106Page - Microchip Technology PIC16C765/PT Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 158 page
background image
© 1999 Microchip Technology Inc.
Advanced Information
DS41124A-page 103
PIC16C745/765
13.6
Interrupts
The interrupt control register (INTCON) records individ-
ual interrupt requests in flag bits. It also has individual
and global interrupt enable bits.
A global interrupt enable bit, GIE (INTCON<7>)
enables (if set) all un-masked interrupts or disables (if
cleared) all interrupts. When bit GIE is enabled, and an
interrupt’s flag bit and mask bit are set, the interrupt will
vector immediately. Individual interrupts can be dis-
abled through their corresponding enable bits in vari-
ous
registers.
Individual
interrupt
bits
are
set,
regardless of the status of the GIE bit. The GIE bit is
cleared on reset.
The “return from interrupt” instruction, RETFIE, exits
the interrupt routine, as well as sets the GIE bit, which
re-enables interrupts.
The RB0/INT pin interrupt, the RB port change interrupt
and the TMR0 overflow interrupt flags are contained in
the INTCON register.
The peripheral interrupt flags are contained in the spe-
cial function registers PIR1 and PIR2. The correspond-
ing interrupt enable bits are contained in special
function registers PIE1 and PIE2 and the peripheral
interrupt enable bit is contained in special function reg-
ister INTCON.
When an interrupt is responded to, the GIE bit is
cleared to disable any further interrupt, the return
address is pushed onto the stack, and the PC is loaded
with 0004h. Once in the interrupt service routine, the
source(s) of the interrupt can be determined by polling
the interrupt flag bits. The interrupt flag bit(s) must be
cleared in software before re-enabling interrupts to
avoid recursive interrupts.
For external interrupt events, such as the INT pin or
PORTB change interrupt, the interrupt latency will be
three or four instruction cycles. The exact latency
depends when the interrupt event occurs. The latency
is the same for one or two cycle instructions. Individual
interrupt flag bits are set, regardless of the status of
their corresponding mask bit or the GIE bit.
Note:
Individual interrupt flag bits are set, regard-
less of the status of their corresponding
mask bit or the GIE bit.
Note:
If an interrupt occurs while the Global
Interrupt Enable (GIE) bit is being cleared,
the GIE bit may unintentionally be re-
enabled by the user’s Interrupt Service
Routine (the RETFIE instruction). The
events that would cause this to occur are:
1.
An instruction clears the GIE bit while
an interrupt is acknowledged.
2.
The program branches to the inter-
rupt vector and executes the interrupt
service routine.
3.
The interrupt service routine com-
pletes the execution of the RETFIE
instruction. This causes the GIE bit to
be set (enables interrupts), and the
program returns to the instruction
after the one which was meant to dis-
able interrupts.
Perform the following to ensure that inter-
rupts are globally disabled:
LOOP BCF
INTCON, GIE
; Disable global
;
interrupt bit
BTFSC INTCON, GIE
; Global interrupt
;
disabled?
GOTO
LOOP
; NO, try again
:
;
Yes, continue
;
with program
;
flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com