Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W97AH6KB Datasheet(PDF) 55 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 55 Page - Winbond

Back Button W97AH6KB Datasheet HTML 51Page - Winbond W97AH6KB Datasheet HTML 52Page - Winbond W97AH6KB Datasheet HTML 53Page - Winbond W97AH6KB Datasheet HTML 54Page - Winbond W97AH6KB Datasheet HTML 55Page - Winbond W97AH6KB Datasheet HTML 56Page - Winbond W97AH6KB Datasheet HTML 57Page - Winbond W97AH6KB Datasheet HTML 58Page - Winbond W97AH6KB Datasheet HTML 59Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 55 -
Table of Example of Bank and Segment Masking use in LPDDR2-S4 devices
Segment Mask(MR17)
Bank 0 Bank 1 Bank 2 Bank 3 Bank 4 Bank 5 Bank 6 Bank 7
BankMask (MR16)
0
1
0
0
0
0
0
1
Segment 0
0
-
M
-
-
-
-
-
M
Segment 1
0
-
M
-
-
-
-
-
M
Segment 2
1
M
M
M
M
M
M
M
M
Segment 3
0
-
M
-
-
-
-
-
M
Segment 4
0
-
M
-
-
-
-
-
M
Segment 5
0
-
M
-
-
-
-
-
M
Segment 6
0
-
M
-
-
-
-
-
M
Segment 7
1
M
M
M
M
M
M
M
M
Note:
This table illustrates an example of an 8-bank LPDDR2-S4 device, when a refresh operation to bank 1 and bank 7, as well as segment 2 and
segment 7 are masked
7.4.20 Mode Register Read Command
The Mode Register Read command is used to read configuration and status data from mode registers. The Mode
Register Read (MRR) command is initiated by having CS_n LOW, CA0 LOW, CA1 LOW, CA2 LOW, and CA3 HIGH
at the rising edge of the clock. The mode register is selected by {CA1f-CA0f, CA9r- CA4r}. The mode register
contents are available on the first data beat of DQ[0:7], RL * tCK + tDQSCK + tDQSQ after the rising edge of the clock
where the Mode Register Read Command is issued. Subsequent data beats contain valid, but undefined content,
except in the case of the DQ Calibration function DQC, where subsequent data beats contain valid content as
described in section 7.4.21.2
“DQ Calibration”. All DQS_t, DQS_c shall be toggled for the duration of the Mode
Register Read burst.
The MRR command has a burst length of four. The Mode Register Read operation (consisting of the MRR command
and the corresponding data traffic) shall not be interrupted. The MRR command period (tMRR) is 2 clock cycles.
Mode Register Reads to reserved and write-only registers shall return valid, but undefined content on all data beats
and DQS_t, DQS_c shall be toggled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com