Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W97AH6KB Datasheet(PDF) 20 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 20 Page - Winbond

Back Button W97AH6KB Datasheet HTML 16Page - Winbond W97AH6KB Datasheet HTML 17Page - Winbond W97AH6KB Datasheet HTML 18Page - Winbond W97AH6KB Datasheet HTML 19Page - Winbond W97AH6KB Datasheet HTML 20Page - Winbond W97AH6KB Datasheet HTML 21Page - Winbond W97AH6KB Datasheet HTML 22Page - Winbond W97AH6KB Datasheet HTML 23Page - Winbond W97AH6KB Datasheet HTML 24Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 20 -
7.3.2
MR0_Device Information (MA[7:0] = 00H)
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
(RFU)
RZQI
DNVI
DI
DAI
DAI (Device Auto-Initialization Status)
Read-only
OP0
0b: DAI complete
1b: DAI still in progress
DI (Device Information)
Read-only
OP1
0b: S4 SDRAM
DNVI (Data Not Valid Information)
Read-only
OP2
0b: LPDDR2 SDRAM will not implement DNV functionalit
RZQI (Built in Self Test for RZQ Information)
Read-only
OP[4:3]
00b: RZQ self test not executed.
01b: ZQ-pin may connect to VDDCA or float
10b: ZQ-pin may short to GND
11b: ZQ-pin self test completed, no error condition detected
(ZQ-pin may not connect to VDDCA or float nor short to GND)
Notes:
1.
RZQI will be set upon completion of the MRW ZQ Initialization Calibration command.
2.
If ZQ is connected to VDDCA to set default calibration by user, OP[4:3] shall be read as 01. If user does not want to connect ZQ pin to
VDDCA, but OP[4:3] is read as 01 or 10, it might indicate a ZQ-pin assembly error. It is recommended that the assembly error being
corrected first.
3.
In the case of possible assembly error (either OP[4:3]=01 or OP[4:3]=10 as defined above), the LPDDR2 device will default to factory trim
settings for RON, and will ignore ZQ calibration commands. In either case, the system may not function as intended.
4.
In the case of the ZQ self-test returning a value of 11b, this result indicates that the device has detected a resistor connection to the ZQ pin.
However, this result cannot be used to validate the ZQ resistor value or that the ZQ resistor tolerance meets the specified limits (i.e., 240
Ohm ± 1%).
5.
If the ZQ resistor is absent from the system, ZQ shall be connected to VDDCA. In this case, the LPDDR2 device shall ignore ZQ calibration
commands and the device will use the default calibration settings.
7.3.3
MR1_Device Feature 1 (MA[7:0] = 01H)
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
nWR (for AP)
WC
BT
BL
BL
Write-only
OP[2:0]
010b: BL4 (default)
011b: BL8
100b: BL16
All others: reserved
BT
Write-only
OP3
0b: Sequential (default)
1b: Interleaved
WC
Write-only
OP4
0b: Wrap (default)
1 b: No wrap (allowed for SDRAM BL4 only)
nWR
Write-only
OP[7:5]
001b: nWR=3 (default)
010b: nWR=4
011b: nWR=5
100b: nWR=6
101b: nWR=7
110b: nWR=8
All others: reserved
1
Note:
1.
Programmed value in nWR register is the number of clock cycles which determines when to start internal precharge operation for a write
burst with AP enabled. It is determined by RU(tWR/tCK).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com