Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W97AH6KB Datasheet(PDF) 28 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 28 Page - Winbond

Back Button W97AH6KB Datasheet HTML 24Page - Winbond W97AH6KB Datasheet HTML 25Page - Winbond W97AH6KB Datasheet HTML 26Page - Winbond W97AH6KB Datasheet HTML 27Page - Winbond W97AH6KB Datasheet HTML 28Page - Winbond W97AH6KB Datasheet HTML 29Page - Winbond W97AH6KB Datasheet HTML 30Page - Winbond W97AH6KB Datasheet HTML 31Page - Winbond W97AH6KB Datasheet HTML 32Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 28 -
7.4.1.4
CKE Input Setup and Hold Timing
HIGH or LOW (but a defined logic level)
T0
T1
Tx
Tx+1
CK_t / CK_c
CKE
tISCKE
tISCKE
tIHCKE
tIHCKE
VIHCKE
VILCKE
VIHCKE
VILCKE
Notes:
1.
After CKE is registered LOW, CKE signal level shall be maintained below VILCKE for tCKE specification (LOW pulse width).
2.
After CKE is registered HIGH, CKE signal level shall be maintained above VIHCKE for tCKE specification (HIGH pulse width).
7.4.2
Read and Write Access Modes
After a bank has been activated, a read or write cycle can be executed. This is accomplished by setting CS_n LOW,
CA0 HIGH, and CA1 LOW at the rising edge of the clock. CA2 must also be defined at this time to determine
whether the access cycle is a READ operation (CA2 HIGH) or a WRITE operation (CA2 LOW).
The LPDDR2 SDRAM provides a fast column access operation. A single Read or Write Command will initiate a burst
read or write operation on successive clock cycles.
A new burst access must not interrupt the previous 4-bit burst operation in case of BL = 4 setting. In case of BL = 8
and BL = 16 settings, Reads may be interrupted by Reads and Writes may be interrupted by Writes provided that this
occurs on even clock cycles after the Read or Write command and tCCD is met.
7.4.3
Burst Read Command
The Burst Read command is initiated by having CS_n LOW, CA0 HIGH, CA1 LOW and CA2 HIGH at the rising edge
of the clock. The command address bus inputs, CA5r-CA6r and CA1f-CA9f, determine the starting column address
for the burst. The Read Latency (RL) is defined from the rising edge of the clock on which the Read Command is
issued to the rising edge of the clock from which the tDQSCK delay is measured. The first valid datum is available RL
* tCK + tDQSCK + tDQSQ after the rising edge of the clock where the Read Command is issued. The data strobe output
is driven LOW tRPRE before the first rising valid strobe edge. The first bit of the burst is synchronized with the first
rising edge of the data strobe. Each subsequent data-out appears on each DQ pin edge aligned with the data strobe.
The RL is programmed in the mode registers.
Timings for the data strobe are measured relative to the crosspoint of DQS_t and its complement, DQS_c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com