Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C44-08/PT Datasheet(PDF) 38 Page - Microchip Technology

Part # PIC17C44-08/PT
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/PT Datasheet(HTML) 38 Page - Microchip Technology

Back Button PIC17C44-08/PT Datasheet HTML 34Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 35Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 36Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 37Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 38Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 39Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 40Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 41Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 240 page
background image
PIC17C4X
DS30412C-page 38
© 1996 Microchip Technology Inc.
6.2.2.3
TMR0 STATUS/CONTROL REGISTER
(T0STA)
This register contains various control bits. Bit7
(INTEDG) is used to control the edge upon which a sig-
nal on the RA0/INT pin will set the RB0/INT interrupt
flag. The other bits configure the Timer0 prescaler and
clock source. (Figure 11-1).
FIGURE 6-9:
T0STA REGISTER (ADDRESS: 05h, UNBANKED)
R/W - 0
R/W - 0
R/W - 0
R/W - 0
R/W - 0
R/W - 0
R/W - 0
U - 0
INTEDG
T0SE
T0CS
PS3
PS2
PS1
PS0
—
R = Readable bit
W = Writable bit
U = Unimplemented,
reads as ‘0’
-n = Value at POR reset
bit7
bit0
bit 7:
INTEDG: RA0/INT Pin Interrupt Edge Select bit
This bit selects the edge upon which the interrupt is detected.
1 = Rising edge of RA0/INT pin generates interrupt
0 = Falling edge of RA0/INT pin generates interrupt
bit 6:
T0SE: Timer0 Clock Input Edge Select bit
This bit selects the edge upon which TMR0 will increment.
When T0CS = 0
1 = Rising edge of RA1/T0CKI pin increments TMR0 and/or generates a T0CKIF interrupt
0 = Falling edge of RA1/T0CKI pin increments TMR0 and/or generates a T0CKIF interrupt
When T0CS = 1
Don’t care
bit 5:
T0CS: Timer0 Clock Source Select bit
This bit selects the clock source for Timer0.
1 = Internal instruction clock cycle (TCY)
0 = T0CKI pin
bit 4-1:
PS3:PS0: Timer0 Prescale Selection bits
These bits select the prescale value for Timer0.
bit 0:
Unimplemented: Read as '0'
PS3:PS0
Prescale Value
0000
0001
0010
0011
0100
0101
0110
0111
1xxx
1:1
1:2
1:4
1:8
1:16
1:32
1:64
1:128
1:256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com