Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C44-08/PT Datasheet(PDF) 71 Page - Microchip Technology

Part # PIC17C44-08/PT
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/PT Datasheet(HTML) 71 Page - Microchip Technology

Back Button PIC17C44-08/PT Datasheet HTML 67Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 68Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 69Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 70Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 71Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 72Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 73Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 74Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 71
PIC17C4X
12.0
TIMER1, TIMER2, TIMER3,
PWMS AND CAPTURES
The PIC17C4X has a wealth of timers and time-based
functions to ease the implementation of control applica-
tions. These time-base functions include two PWM out-
puts and two Capture inputs.
Timer1 and Timer2 are two 8-bit incrementing timers,
each with a period register (PR1 and PR2 respectively)
and separate overflow interrupt flags. Timer1 and
Timer2 can operate either as timers (increment on
internal Fosc/4 clock) or as counters (increment on fall-
ing edge of external clock on pin RB4/TCLK12). They
are also software configurable to operate as a single
16-bit timer. These timers are also used as the
time-base for the PWM (pulse width modulation) mod-
ule.
Timer3 is a 16-bit timer/counter consisting of the
TMR3H and TMR3L registers. This timer has four other
associated registers. Two registers are used as a 16-bit
period
register
or
a
16-bit
Capture1
register
(PR3H/CA1H:PR3L/CA1L). The other two registers are
strictly the Capture2 registers (CA2H:CA2L). Timer3 is
the time-base for the two 16-bit captures.
TMR3 can be software configured to increment from
the internal system clock or from an external signal on
the RB5/TCLK3 pin.
Figure 12-1 and Figure 12-2 are the control registers
for the operation of Timer1, Timer2, and Timer3, as well
as PWM1, PWM2, Capture1, and Capture2.
FIGURE 12-1: TCON1 REGISTER (ADDRESS: 16h, BANK 3)
R/W - 0
R/W - 0
R/W - 0
R/W - 0
R/W - 0
R/W - 0
R/W - 0
R/W - 0
CA2ED1 CA2ED0 CA1ED1 CA1ED0
T16
TMR3CS TMR2CS TMR1CS
R = Readable bit
W = Writable bit
-n = Value at POR reset
bit7
bit0
bit 7-6:
CA2ED1:CA2ED0: Capture2 Mode Select bits
00 = Capture on every falling edge
01 = Capture on every rising edge
10 = Capture on every 4th rising edge
11 = Capture on every 16th rising edge
bit 5-4:
CA1ED1:CA1ED0: Capture1 Mode Select bits
00 = Capture on every falling edge
01 = Capture on every rising edge
10 = Capture on every 4th rising edge
11 = Capture on every 16th rising edge
bit 3:
T16: Timer1:Timer2 Mode Select bit
1 = Timer1 and Timer2 form a 16-bit timer
0 = Timer1 and Timer2 are two 8-bit timers
bit 2:
TMR3CS: Timer3 Clock Source Select bit
1 = TMR3 increments off the falling edge of the RB5/TCLK3 pin
0 = TMR3 increments off the internal clock
bit 1:
TMR2CS: Timer2 Clock Source Select bit
1 = TMR2 increments off the falling edge of the RB4/TCLK12 pin
0 = TMR2 increments off the internal clock
bit 0:
TMR1CS: Timer1 Clock Source Select bit
1 = TMR1 increments off the falling edge of the RB4/TCLK12 pin
0 = TMR1 increments off the internal clock
This document was created with FrameMaker404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com