Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C44-08/PT Datasheet(PDF) 64 Page - Microchip Technology

Part # PIC17C44-08/PT
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/PT Datasheet(HTML) 64 Page - Microchip Technology

Back Button PIC17C44-08/PT Datasheet HTML 60Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 61Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 62Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 63Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 64Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 65Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 66Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 67Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 240 page
background image
PIC17C4X
DS30412C-page 64
© 1996 Microchip Technology Inc.
9.5
I/O Programming Considerations
9.5.1
BI-DIRECTIONAL I/O PORTS
Any instruction which writes, operates internally as a
read followed by a write operation. For example, the
BCF
and BSF instructions read the register into the
CPU, execute the bit operation, and write the result
back to the register. Caution must be used when these
instructions are applied to a port with both inputs and
outputs defined. For example, a BSF operation on bit5
of PORTB will cause all eight bits of PORTB to be read
into the CPU. Then the BSF operation takes place on
bit5 and PORTB is written to the output latches. If
another bit of PORTB is used as a bi-directional I/O pin
(e.g. bit0) and it is defined as an input at this time, the
input signal present on the pin itself would be read into
the CPU and re-written to the data latch of this particu-
lar pin, overwriting the previous content. As long as the
pin stays in the input mode, no problem occurs. How-
ever, if bit0 is switched into output mode later on, the
content of the data latch may now be unknown.
Reading a port reads the values of the port pins. Writing
to the port register writes the value to the port latch.
When using read-modify-write instructions (BCF, BSF,
BTG
, etc.) on a port, the value of the port pins is read,
the desired operation is performed with this value, and
the value is then written to the port latch.
Example 9-5 shows the effect of two sequential
read-modify-write instructions on an I/O port.
EXAMPLE 9-5:
READ MODIFY WRITE
INSTRUCTIONS ON AN
I/O PORT
; Initial PORT settings: PORTB<7:4> Inputs
;
PORTB<3:0> Outputs
; PORTB<7:6> have pull-ups and are
; not connected to other circuitry
;
;
PORT latch
PORT pins
;
----------
---------
;
BCF
PORTB, 7
01pp pppp
11pp pppp
BCF
PORTB, 6
10pp pppp
11pp pppp
;
BCF
DDRB, 7
10pp pppp
11pp pppp
BCF
DDRB, 6
10pp pppp
10pp pppp
;
; Note that the user may have expected the
; pin values to be 00pp pppp. The 2nd BCF
; caused RB7 to be latched as the pin value
; (High).
9.5.2
SUCCESSIVE OPERATIONS ON I/O PORTS
The actual write to an I/O port happens at the end of an
instruction cycle, whereas for reading, the data must be
valid at the beginning of the instruction cycle (Figure 9-
9). Therefore, care must be exercised if a write followed
by a read operation is carried out on the same I/O port.
The sequence of instructions should be such to allow
the pin voltage to stabilize (load dependent) before
executing the instruction that reads the values on that
I/O port. Otherwise, the previous state of that pin may
be read into the CPU rather than the “new” state. When
in doubt, it is better to separate these instructions with
a NOP or another instruction not accessing this I/O port.
Note:
A pin actively outputting a Low or High
should not be driven from external devices
in order to change the level on this pin (i.e.
“wired-or”, “wired-and”). The resulting high
output currents may damage the device.
FIGURE 9-9:
SUCCESSIVE I/O OPERATION
Note:
This example shows a write to PORTB
followed by a read from PORTB.
Note that:
data setup time = (0.25 TCY - TPD)
where TCY = instruction cycle.
Therefore, at higher clock
frequencies, a write followed by a
read may be problematic.
TPD = propagation delay
PC
PC + 1
PC + 2
PC + 3
Q1 Q2 Q3 Q4
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
Q1 Q2 Q3 Q4
Instruction
fetched
RB7:RB0
MOVWF PORTB
write to
PORTB
NOP
Port pin
sampled here
NOP
MOVF PORTB,W
Instruction
executed
MOVWF PORTB
write to
PORTB
NOP
MOVF PORTB,W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com