Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C44-08/PT Datasheet(PDF) 55 Page - Microchip Technology

Part # PIC17C44-08/PT
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/PT Datasheet(HTML) 55 Page - Microchip Technology

Back Button PIC17C44-08/PT Datasheet HTML 51Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 52Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 53Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 54Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 55Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 56Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 57Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 58Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 55
PIC17C4X
9.2
PORTB and DDRB Registers
PORTB is an 8-bit wide bi-directional port. The corre-
sponding data direction register is DDRB. A '1' in DDRB
configures the corresponding port pin as an input. A '0'
in the DDRB register configures the corresponding port
pin as an output. Reading PORTB reads the status of
the pins, whereas writing to it will write to the port latch.
Each of the PORTB pins has a weak internal pull-up. A
single control bit can turn on all the pull-ups. This is
done by clearing the RBPU (PORTA<7>) bit. The weak
pull-up is automatically turned off when the port pin is
configured as an output. The pull-ups are enabled on
any reset.
PORTB also has an interrupt on change feature. Only
pins configured as inputs can cause this interrupt to
occur (i.e. any RB7:RB0 pin configured as an output is
excluded from the interrupt on change comparison).
The input pins (of RB7:RB0) are compared with the
value in the PORTB data latch. The “mismatch” outputs
of RB7:RB0 are OR’ed together to generate the
PORTB Interrupt Flag RBIF (PIR<7>).
This interrupt can wake the device from SLEEP. The
user, in the interrupt service routine, can clear the inter-
rupt by:
a)
Read-Write PORTB (such as; MOVPF PORTB,
PORTB
). This will end mismatch condition.
b)
Then, clear the RBIF bit.
A mismatch condition will continue to set the RBIF bit.
Reading then writing PORTB will end the mismatch
condition, and allow the RBIF bit to be cleared.
This interrupt on mismatch feature, together with soft-
ware configurable pull-ups on this port, allows easy
interface to a key pad and make it possible for wake-up
on key-depression. For an example, refer to AN552 in
the
Embedded Control Handbook.
The interrupt on change feature is recommended for
wake-up on operations where PORTB is only used for
the interrupt on change feature and key depression
operation.
FIGURE 9-4:
BLOCK DIAGRAM OF RB<7:4> AND RB<1:0> PORT PINS
Note: I/O pins have protection diodes to VDD and VSS.
Data Bus
Q
D
CK
Q
D
CK
Weak
Pull-Up
Port
Input Latch
Port
Data
OE
WR_PORTB (Q4)
WR_DDRB (Q4)
RD_PORTB (Q2)
RD_DDRB (Q2)
RBIF
RBPU
Match Signal
from other
port pins
(PORTA<7>)
Peripheral Data in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com