Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C44-08/PT Datasheet(PDF) 79 Page - Microchip Technology

Part # PIC17C44-08/PT
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/PT Datasheet(HTML) 79 Page - Microchip Technology

Back Button PIC17C44-08/PT Datasheet HTML 75Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 76Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 77Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 78Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 79Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 80Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 81Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 82Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 79
PIC17C4X
12.2.2
DUAL CAPTURE REGISTER MODE
This mode is selected by setting CA1/PR3. A block dia-
gram is shown in Figure 12-8. In this mode, TMR3 runs
without a period register and increments from 0000h to
FFFFh and rolls over to 0000h. The TMR3 interrupt
Flag (TMR3IF) is set on this roll over. The TMR3IF bit
must be cleared in software.
Registers PR3H/CA1H and PR3L/CA1L make a 16-bit
capture register (Capture1). It captures events on pin
RB0/CAP1. Capture mode is configured by the
CA1ED1 and CA1ED0 bits. Capture1 Interrupt Flag bit
(CA1IF) is set on the capture event. The corresponding
interrupt mask bit is CA1IE. The Capture1 Overflow
Status bit is CA1OVF.
The Capture2 overflow status flag bit is double buff-
ered. The master bit is set if one captured word is
already residing in the Capture2 register and another
“event” has occurred on the RB1/CA2 pin. The new
event will not transfer the TMR3 value to the capture
register which protects the previous unread capture
value. When the user reads both the high and the low
bytes (in any order) of the Capture2 register, the master
overflow bit is transferred to the slave overflow bit
(CA2OVF) and then the master bit is reset. The user
can then read TCON2 to determine the value of
CA2OVF.
The operation of the Capture1 feature is identical to
Capture2 (as described in Section 12.2.1).
FIGURE 12-8: TIMER3 WITH TWO CAPTURE REGISTERS BLOCK DIAGRAM
TABLE 12-5:
REGISTERS ASSOCIATED WITH CAPTURE
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on all
other resets
(Note1)
16h, Bank 3
TCON1
CA2ED1
CA2ED0
CA1ED1
CA1ED0
T16
TMR3CS TMR2CS TMR1CS 0000 0000
0000 0000
17h, Bank 3
TCON2
CA2OVF CA1OVF
PWM2ON
PWM1ON CA1/PR3 TMR3ON TMR2ON TMR1ON 0000 0000
0000 0000
12h, Bank 2
TMR3L
TMR3 register; low byte
xxxx xxxx
uuuu uuuu
13h, Bank 2
TMR3H
TMR3 register; high byte
xxxx xxxx
uuuu uuuu
16h, Bank 1
PIR
RBIF
TMR3IF
TMR2IF
TMR1IF
CA2IF
CA1IF
TXIF
RCIF
0000 0010
0000 0010
17h, Bank 1
PIE
RBIE
TMR3IE
TMR2IE
TMR1IE
CA2IE
CA1IE
TXIE
RCIE
0000 0000
0000 0000
07h, Unbanked INTSTA
PEIF
T0CKIF
T0IF
INTF
PEIE
T0CKIE
T0IE
INTE
0000 0000
0000 0000
06h, Unbanked CPUSTA
—
—
STKAV
GLINTD
TO
PD
—
—
--11 11--
--11 qq--
16h, Bank 2
PR3L/CA1L
Timer3 period register, low byte/capture1 register, low byte
xxxx xxxx
uuuu uuuu
17h, Bank 2
PR3H/CA1H Timer3 period register, high byte/capture1 register, high byte
xxxx xxxx
uuuu uuuu
14h, Bank 3
CA2L
Capture2 low byte
xxxx xxxx
uuuu uuuu
15h, Bank 3
CA2H
Capture2 high byte
xxxx xxxx
uuuu uuuu
Legend: x = unknown, u = unchanged, - = unimplemented read as '0', q - value depends on condition,
shaded cells are not used by Capture.
Note 1:
Other (non power-up) resets include: external reset through MCLR and WDT Timer Reset.
2
RB0/CAP1
Edge Select
Prescaler Select
PR3H/CA1H
PR3L/CA1L
TMR3H
TMR3L
RB5/TCLK3
0
1
Fosc/4
RB1/CAP2
Edge Select
Prescaler Select
2
CA2ED1, CA2ED0
(TCON1<7:6>)
CA2H
CA2L
Set CA2IF
(PIR<3>)
Set TMR3IF
(PIR<6>)
Set CA1IF
(PIR<2>)
Capture Enable
Capture Enable
TMR3ON
(TCON2<2>)
TMR3CS
(TCON1<2>)
CA1ED1, CA1ED0
(TCON1<5:4>)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com