Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C44-08/PT Datasheet(PDF) 84 Page - Microchip Technology

Part # PIC17C44-08/PT
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/PT Datasheet(HTML) 84 Page - Microchip Technology

Back Button PIC17C44-08/PT Datasheet HTML 80Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 81Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 82Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 83Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 84Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 85Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 86Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 87Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 240 page
background image
PIC17C4X
DS30412C-page 84
© 1996 Microchip Technology Inc.
FIGURE 13-2: RCSTA REGISTER (ADDRESS: 13h, BANK 0)
R/W - 0
R/W - 0
R/W - 0
R/W - 0
U - 0
R - 0
R - 0
R - x
SPEN
RX9
SREN
CREN
—
FERR
OERR
RX9D
R = Readable bit
W = Writable bit
-n = Value at POR reset
(x = unknown)
bit7
bit 0
bit 7:
SPEN: Serial Port Enable bit
1 = Configures RA5/RX/DT and RA4/TX/CK pins as serial port pins
0 = Serial port disabled
bit 6:
RX9: 9-bit Receive Enable bit
1 = Selects 9-bit reception
0 = Selects 8-bit reception
bit 5:
SREN: Single Receive Enable bit
This bit enables the reception of a single byte. After receiving the byte, this bit is automatically cleared.
Synchronous mode:
1 = Enable reception
0 = Disable reception
Note: This bit is ignored in synchronous slave reception.
Asynchronous mode:
Don’t care
bit 4:
CREN: Continuous Receive Enable bit
This bit enables the continuous reception of serial data.
Asynchronous mode:
1 = Enable reception
0 = Disables reception
Synchronous mode:
1 = Enables continuous reception until CREN is cleared (CREN overrides SREN)
0 = Disables continuous reception
bit 3:
Unimplemented: Read as '0'
bit 2:
FERR: Framing Error bit
1 = Framing error (Updated by reading RCREG)
0 = No framing error
bit 1:
OERR: Overrun Error bit
1 = Overrun (Cleared by clearing CREN)
0 = No overrun error
bit 0:
RX9D: 9th bit of receive data (can be the software calculated parity bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com