Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C44-08/PT Datasheet(PDF) 46 Page - Microchip Technology

Part # PIC17C44-08/PT
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/PT Datasheet(HTML) 46 Page - Microchip Technology

Back Button PIC17C44-08/PT Datasheet HTML 42Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 43Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 44Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 45Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 46Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 47Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 48Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 49Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 240 page
background image
PIC17C4X
DS30412C-page 46
© 1996 Microchip Technology Inc.
7.2
Table Writes to External Memory
Table writes to external memory are always two-cycle
instructions. The second cycle writes the data to the
external memory location. The sequence of events for
an external memory write are the same for an internal
write.
Note:
If an interrupt is pending or occurs during
the TABLWT, the two cycle table write
completes. The RA0/INT, TMR0, or T0CKI
interrupt flag is automatically cleared or
the
pending
peripheral
interrupt
is
acknowledged.
7.2.2
TABLE WRITE CODE
The “i” operand of the TABLWT instruction can specify
that the value in the 16-bit TBLPTR register is auto-
matically
incremented
for
the
next
write.
In
Example 7-1, the TBLPTR register is not automatically
incremented.
EXAMPLE 7-1:
TABLE WRITE
CLRWDT
; Clear WDT
MOVLW
HIGH (TBL_ADDR) ; Load the Table
MOVWF
TBLPTRH
;
address
MOVLW
LOW (TBL_ADDR)
;
MOVWF
TBLPTRL
;
MOVLW
HIGH (DATA)
; Load HI byte
TLWT
1, WREG
;
in TABLATCH
MOVLW
LOW (DATA)
; Load LO byte
TABLWT
0,0,WREG
;
in TABLATCH
;
and write to
;
program memory
;
(Ext. SRAM)
FIGURE 7-5:
TABLWT WRITE TIMING (EXTERNAL MEMORY)
Q1 Q2 Q3 Q4
Q1 Q2 Q3 Q4
Q1 Q2 Q3 Q4
Q1 Q2 Q3 Q4
AD15:AD0
Instruction
fetched
Instruction
executed
ALE
OE
WR
TABLWT
INST (PC+1)
INST (PC-1)
TABLWT cycle1
TABLWT cycle2
INST (PC+2)
Data write cycle
'1'
PC
PC+1
TBL
PC+2
Data out
INST (PC+1)
Note:
If external write GLINTD = '1', Enable bit = '1', '1'
→ Flag bit, Do table write. The highest pending interrupt is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com