Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C44-08/PT Datasheet(PDF) 19 Page - Microchip Technology

Part # PIC17C44-08/PT
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/PT Datasheet(HTML) 19 Page - Microchip Technology

Back Button PIC17C44-08/PT Datasheet HTML 15Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 16Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 17Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 18Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 19Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 20Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 21Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 22Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 19
PIC17C4X
TABLE 4-4:
INITIALIZATION CONDITIONS FOR SPECIAL FUNCTION REGISTERS
Register
Address
Power-on Reset
MCLR Reset
WDT Reset
Wake-up from SLEEP
through interrupt
Unbanked
INDF0
00h
0000 0000
0000 0000
0000 0000
FSR0
01h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
02h
0000h
0000h
PC + 1(2)
PCLATH
03h
0000 0000
0000 0000
uuuu uuuu
ALUSTA
04h
1111 xxxx
1111 uuuu
1111 uuuu
T0STA
05h
0000 000-
0000 000-
0000 000-
CPUSTA(3)
06h
--11 11--
--11 qq--
--uu qq--
INTSTA
07h
0000 0000
0000 0000
uuuu uuuu(1)
INDF1
08h
0000 0000
0000 0000
uuuu uuuu
FSR1
09h
xxxx xxxx
uuuu uuuu
uuuu uuuu
WREG
0Ah
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR0L
0Bh
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR0H
0Ch
xxxx xxxx
uuuu uuuu
uuuu uuuu
TBLPTRL (4)
0Dh
xxxx xxxx
uuuu uuuu
uuuu uuuu
TBLPTRH (4)
0Eh
xxxx xxxx
uuuu uuuu
uuuu uuuu
TBLPTRL (5)
0Dh
0000 0000
0000 0000
uuuu uuuu
TBLPTRH (5)
0Eh
0000 0000
0000 0000
uuuu uuuu
BSR
0Fh
0000 0000
0000 0000
uuuu uuuu
Bank 0
PORTA
10h
0-xx xxxx
0-uu uuuu
uuuu uuuu
DDRB
11h
1111 1111
1111 1111
uuuu uuuu
PORTB
12h
xxxx xxxx
uuuu uuuu
uuuu uuuu
RCSTA
13h
0000 -00x
0000 -00u
uuuu -uuu
RCREG
14h
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXSTA
15h
0000 --1x
0000 --1u
uuuu --uu
TXREG
16h
xxxx xxxx
uuuu uuuu
uuuu uuuu
SPBRG
17h
xxxx xxxx
uuuu uuuu
uuuu uuuu
Bank 1
DDRC
10h
1111 1111
1111 1111
uuuu uuuu
PORTC
11h
xxxx xxxx
uuuu uuuu
uuuu uuuu
DDRD
12h
1111 1111
1111 1111
uuuu uuuu
PORTD
13h
xxxx xxxx
uuuu uuuu
uuuu uuuu
DDRE
14h
---- -111
---- -111
---- -uuu
PORTE
15h
---- -xxx
---- -uuu
---- -uuu
PIR
16h
0000 0010
0000 0010
uuuu uuuu(1)
PIE
17h
0000 0000
0000 0000
uuuu uuuu
Legend: u = unchanged, x = unknown, - = unimplemented read as '0',
q
= value depends on condition.
Note 1: One or more bits in INTSTA, PIR will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GLINTD bit is cleared, the PC is loaded with the interrupt
vector.
3: See Table 4-3 for reset value of specific condition.
4: Only applies to the PIC17C42.
5: Does not apply to the PIC17C42.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com