Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C44-08/PT Datasheet(PDF) 86 Page - Microchip Technology

Part # PIC17C44-08/PT
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/PT Datasheet(HTML) 86 Page - Microchip Technology

Back Button PIC17C44-08/PT Datasheet HTML 82Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 83Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 84Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 85Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 86Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 87Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 88Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 89Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 240 page
background image
PIC17C4X
DS30412C-page 86
© 1996 Microchip Technology Inc.
13.1
USART Baud Rate Generator (BRG)
The BRG supports both the Asynchronous and Syn-
chronous modes of the USART. It is a dedicated 8-bit
baud rate generator. The SPBRG register controls the
period of a free running 8-bit timer. Table 13-1 shows
the formula for computation of the baud rate for differ-
ent USART modes. These only apply when the USART
is in synchronous master mode (internal clock) and
asynchronous mode.
Given the desired baud rate and Fosc, the nearest inte-
ger value between 0 and 255 can be calculated using
the formula below. The error in baud rate can then be
determined.
TABLE 13-1:
BAUD RATE FORMULA
SYNC
Mode
Baud Rate
0
1
Asynchronous
Synchronous
FOSC/(64(X+1))
FOSC/(4(X+1))
X = value in SPBRG (0 to 255)
Example 13-1 shows the calculation of the baud rate
error for the following conditions:
FOSC = 16 MHz
Desired Baud Rate = 9600
SYNC = 0
EXAMPLE 13-1: CALCULATING BAUD
RATE ERROR
Writing a new value to the SPBRG, causes the BRG
timer to be reset (or cleared), this ensures that the BRG
does not wait for a timer overflow before outputting the
new baud rate.
Desired Baud rate=Fosc / (64 (X + 1))
9600 =
16000000 /(64 (X + 1))
X
=
25.042 = 25
Calculated Baud Rate=16000000 / (64 (25 + 1))
=
9615
Error =
(Calculated Baud Rate - Desired Baud Rate)
Desired Baud Rate
=
(9615 - 9600) / 9600
=
0.16%
TABLE 13-2:
REGISTERS ASSOCIATED WITH BAUD RATE GENERATOR
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on all
other resets
(Note1)
13h, Bank 0
RCSTA
SPEN
RX9
SREN
CREN
—
FERR
OERR
RX9D
0000 -00x
0000 -00u
15h, Bank 0
TXSTA
CSRC
TX9
TXEN
SYNC
—
—
TRMT
TX9D
0000 --1x
0000 --1u
17h, Bank 0
SPBRG
Baud rate generator register
xxxx xxxx
uuuu uuuu
Legend: x = unknown, u = unchanged, - = unimplemented read as a '0', shaded cells are not used by the Baud Rate Generator.
Note 1:
Other (non power-up) resets include: external reset through MCLR and Watchdog Timer Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com