Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5548DCAR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548DCAR
Description  8-Channel HD Compatible Audio Processor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548DCAR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TAS5548DCAR Datasheet HTML 18Page - Texas Instruments TAS5548DCAR Datasheet HTML 19Page - Texas Instruments TAS5548DCAR Datasheet HTML 20Page - Texas Instruments TAS5548DCAR Datasheet HTML 21Page - Texas Instruments TAS5548DCAR Datasheet HTML 22Page - Texas Instruments TAS5548DCAR Datasheet HTML 23Page - Texas Instruments TAS5548DCAR Datasheet HTML 24Page - Texas Instruments TAS5548DCAR Datasheet HTML 25Page - Texas Instruments TAS5548DCAR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 116 page
background image
TAS5548
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
www.ti.com
Power down is an asynchronous operation that does not require MCLK to go into the power-down state. To
initiate the power-up sequence requires MCLK to be operational and the TAS5548 to receive five MCLKs prior to
the release of PDN.
As long as the PDN pin is held low, the device is in the power-down state with the PWM outputs not switching.
During power down, all I2C and serial data bus operations are ignored. Table 3 shows the device output signals
while PDN is active.
Table 3. Device Outputs During Power Down
SIGNAL
SIGNAL STATE
VALID
Low
PWM P-outputs
Not Switching = Low
PWM M-outputs
Not Switching = Low
SDA
Inputs Ignored
PSVC
Low
Following the application of PDN, the TAS5548 does not perform a quiet shutdown to prevent clicks and pops
produced during the application (the leading edge) of this command. The application of PDN immediately
performs a PWM stop. A quiet stop sequence can be performed by first applying MUTE before PDN.
When PDN is released, the system goes to the end state specified by the MUTE and BKND_ERR pins and the
I2C register settings.
7.3.6.2.3
Back-End Error (BKND_ERR)
Back-end error is used to provide error management for back-end error conditions. Back-end error is a level-
sensitive signal. Back-end error can be initiated by bringing the BKND_ERR terminal low for a minimum of five
MCLK cycles. When BKND_ERR is brought low, the PWM sets either six or eight channels into the PWM back-
end error state. This state is described in PWM Features. Once the back-end error is removed, a delay of 5 ms is
performed before the system starts the output re-initialization sequence. After the initialization time, the TAS5548
begins normal operation. During back-end error I2C registers retain current values.
Table 4. Device Outputs During Back-End Error
SIGNAL
SIGNAL STATE
Valid
Low
PWM P-outputs
Non PWM Switching = low
PWM M-outputs
Non PWM Switching = low
PWM_HP P-outputs
Non PWM Switching = low
PWM_HP M-outputs
Non PWM Switching = low
SDA
Signal input (not driven)
7.3.6.2.3.1
BKND_ERR and VALID
The number of channels that are affected by the BKND_ERR signal depends on the setting of bit D1 of I2C
register 0xE0. If the I2C setting (of bit D1) is 0 (8-channel mode), the TAS5548 places all eight PWM outputs in
the PWM back-end error state. If the I2C setting (of bit D1) is 1, the TAS5548 is in 6-channel mode. For proper
operation in 6-channel mode, the lineout configuration registers (0x09 and 0x0A) must be 0x00 instead of the
default of 0xE0. In this case, VALID is pulled LOW, and the TAS5548 brings PWM outputs 1, 2, 3, 4, 7, and 8 to
a back-end error state, while not affecting lineout channels 5 and 6. Table 4 shows the device output signal
states during back-end error.
7.3.6.2.4
Speaker/Headphone Selector (HP_SEL)
The HP_SEL terminal enables the headphone output or the speaker outputs. The headphone output receives the
processed data output from DAP and PWM channels 1 and 2.
In 6-channel configuration, this feature does not affect the two lineout channels.
When low, the headphone output is enabled. In this mode, the speaker outputs are disabled. When high, the
speaker outputs are enabled and the headphone is disabled.
22
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com