Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5548DCAR Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548DCAR
Description  8-Channel HD Compatible Audio Processor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548DCAR Datasheet(HTML) 46 Page - Texas Instruments

Back Button TAS5548DCAR Datasheet HTML 42Page - Texas Instruments TAS5548DCAR Datasheet HTML 43Page - Texas Instruments TAS5548DCAR Datasheet HTML 44Page - Texas Instruments TAS5548DCAR Datasheet HTML 45Page - Texas Instruments TAS5548DCAR Datasheet HTML 46Page - Texas Instruments TAS5548DCAR Datasheet HTML 47Page - Texas Instruments TAS5548DCAR Datasheet HTML 48Page - Texas Instruments TAS5548DCAR Datasheet HTML 49Page - Texas Instruments TAS5548DCAR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 116 page
background image
TAS5548
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
www.ti.com
7.4.21 Device Configuration Controls
The TAS5548 provides a number of system configuration controls that can be set at initialization and set
following a reset.
•
Channel configuration
•
Headphone configuration
•
Audio system configurations
•
Recovery from clock error
•
Power-supply volume-control enable
•
Volume and mute update rate
•
Modulation index limit
•
Master-clock and data-rate controls
•
Bank controls
7.4.21.1 Channel Configuration
These registers control the TAS5548 response to back end errors.
Table 12. Description of the Channel Configuration Registers (0x05 to 0x0C)
BIT
DESCRIPTION
D7
Enable/disable error recovery sequence. In case the BKND_ERR pin is pulled low, this register determines if this channel is to
follow the error recovery sequence or to continue with no interruption.
D6
Reserved
D5
Reserved
D4
Inverts the PWM output. Inverting the PWM output can be an advantage if the power stage input pin is opposite the TAS5548
PWM pinout. This makes routing on the PCB easier. To keep the phase of the output, the speaker terminals must also be
inverted.
D3
Reserved
D2
Reserved
D1
Reserved
D0
Reserved
7.4.21.2 Headphone Configuration Registers
The headphone configuration controls are identical to the speaker configuration controls. The headphone
configuration control settings are used in place of the speaker configuration control settings for channels 1 and 2
when the headphones are selected. However, only one configuration setting for headphones is used, and it is the
default setting, that is, in headphone mode 0x05 and 0x06 settings are fixed in default.
7.4.21.3 Audio System Configurations
The TAS5548 can be configured to comply with various audio systems: 5.1-channel system, 6-channel system,
7.1-channel system, and 8-channel system.
The audio system configuration is set in the general control register (0xE0). Bits D31–D4 must be zero and D0 is
do not care.
D3
Must always be 0 (default). Note that subwoofer cannot be used as lineout when PSVC is
enabled. (D3 is a write-only bit)
D2
Enables/disables power-supply volume control
D1
Sets number of speakers in the system, including possible line outputs
D3–D1 must be configured for the audio system in the application, as shown in Table 13.
46
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com