Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5548DCAR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548DCAR
Description  8-Channel HD Compatible Audio Processor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548DCAR Datasheet(HTML) 5 Page - Texas Instruments

  TAS5548DCAR Datasheet HTML 1Page - Texas Instruments TAS5548DCAR Datasheet HTML 2Page - Texas Instruments TAS5548DCAR Datasheet HTML 3Page - Texas Instruments TAS5548DCAR Datasheet HTML 4Page - Texas Instruments TAS5548DCAR Datasheet HTML 5Page - Texas Instruments TAS5548DCAR Datasheet HTML 6Page - Texas Instruments TAS5548DCAR Datasheet HTML 7Page - Texas Instruments TAS5548DCAR Datasheet HTML 8Page - Texas Instruments TAS5548DCAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 116 page
background image
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
Pin Functions (continued)
PIN
5-V
TYPE
TERMINATION
DESCRIPTION
TOLERANT
NAME
NO.
SDIN2-1
26
DI
5 V
Pulldown
Serial-audio data bank 2 input 1 is one of the serial-data input ports and goes
into the 2nd SRC Bank. Four discrete (stereo) data formats and is capable of
inputting data at 64 fS.
SDIN2-2
27
DI
5 V
Pulldown
Serial-audio data bank 2 input 2 is one of the serial-data input ports and goes
into the 2nd SRC Bank. Four discrete (stereo) data formats and is capable of
inputting data at 64 fS.
SDOUT / SDIN5
29
I2S data out or SDIN5 (must be sync'd to post SRC rate). Usually used for
Microphone ADC Input
TEST
32
DI
Test mode active high. In normal mode tie this to digital ground.
VALID
37
DO
Output indicating validity of PWM outputs, active-high
VR_DIG
28
P
Voltage reference for 1.8-V digital core supply. A pinout of the internally
regulated 1.8-V power used by digital core logic. A 4.7-
μF low-ESR capacitor
should be connected between this terminal and DVSS. This terminal must not
be used to power external devices.
VR_PWM
52
P
Voltage reference for 1.8-V digital PLL supply. A pinout of the internally
regulated 1.8-V power used by digital PLL logic. A 0.1-
μF low-ESR capacitor
should be connected between this terminal and DVSS_CORE. This terminal
must not be used to power external devices.
VR_ANA
8
P
Voltage reference for 1.8-V PLL analog supply. A pinout of the internally
regulated 1.8-V power used by PLL logic. A 0.1-µF low-ESR capacitor should be
connected between this terminal and AVSS_PLL. This terminal must not be
used to power external devices.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com