Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5548DCAR Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548DCAR
Description  8-Channel HD Compatible Audio Processor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548DCAR Datasheet(HTML) 97 Page - Texas Instruments

Back Button TAS5548DCAR Datasheet HTML 93Page - Texas Instruments TAS5548DCAR Datasheet HTML 94Page - Texas Instruments TAS5548DCAR Datasheet HTML 95Page - Texas Instruments TAS5548DCAR Datasheet HTML 96Page - Texas Instruments TAS5548DCAR Datasheet HTML 97Page - Texas Instruments TAS5548DCAR Datasheet HTML 98Page - Texas Instruments TAS5548DCAR Datasheet HTML 99Page - Texas Instruments TAS5548DCAR Datasheet HTML 100Page - Texas Instruments TAS5548DCAR Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 116 page
background image
CLK_Gen
Control
LRCK1
SCK1
SDIN1
SDIN2
8ch PWM
Modulator
+
HP-PWMOUT
32kHz–192kHz Input
4ch ASRC
Fixed 96kHz Output
32 bits Data Path
48 bits Accumulator
1365 Cycles
Fixed Processing DAP
10 Channel Input Mixer
8 Channel Processing
8 Channel Output Mixer
32kHz–192kHz Input
4ch ASRC
Fixed 96kHz Output
Serial Audio
Receiver
4ch
2 Stereo
Serial Audio
Receiver
4ch
2 Stereo
LRCKO/LRCKIN2
SCKO/SCKIN2
SDIN3
SDIN4
4ch
4ch
Serial Audio
Receiver
Transmitter
1 Stereo
SDOUT/SDIN5
I/
O
I
O
I
I
I
I
I
I/
O
I/
O
MCLKO/PSVC
OSC
12.288MHz
8ch
O
O
O
O
O
O
O
O
O
I
O
2ch
2ch
Bypass mode
2ch
HPPWM
PWM8
PWM7
PWM6
PWM5
PWM4
PWM3
PWM2
PWM1
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
8.2.2 Serial Port Master/Slave Configurations
The inputs to the Digital Audio Processor (DAP) come from the Asynchronous Sample Rate Converter block as
follows:
Figure 47. Digital Audio Signal Flow Block Diagram
8.2.2.1 Design Requirements
For this design example, use the parameters listed in Table 84 as the input parameters.
Table 84. Design Parameters
PARAMETER
VALUE
Device control method
Software control through I2C communication for register settings
Digital Audio input
Right-justified, I2S, or left-justified.
Power stage
Audio amplifier with PWM input
8.2.2.2 Detailed Design Procedure
The DAP can feed audio data to and from the Serial Audio ports in the following manner. There are 3 main use
cases:
1. Use Case 1: External Karaoke Microphone Input (ADC in on SDIN5) or External I2S Subwoofer
(a) SDIN1 through 4 are slave to an external source (such as a media decoder IC).
(b) A separate DOUT (for Sub) or Microphone Inout (SDIN5) needs to function at the post-ASRC rate.
(c) Therefore, the device is configured to use MCLKO, SCLKO and LRCLKO.
2. Use Case 2: Mixing two different data sources (e.g. Stereo Bluetooth I2S and CD/Media Decoder
(a) In an example where two different data sources need mixing, SDIN1/2 run at a different rate than
SDIN3/4
(b) SCLKIN-2 and LRCLKIN-2 are used to provide an LRCLK and SCLK for the second data synchronous
data source.
(c) DOUT (for a wireless sub) cannot be used in this mode, as no MCLKO, SCLKO or LRCLKO are
available.
3. Use Case 3: Creating an external loop for processing (e.g. using a TAS3108 or TAS3152 I2S
processor)
(a) SDIN1/2 run with SCLK and LRCLK as a slave.
(b) SDOUT acts as a "send for external processing", in master mode, synchronized to MLCKO, SCLKO,
LRCLKO
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
97
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com