Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5548DCAR Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548DCAR
Description  8-Channel HD Compatible Audio Processor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548DCAR Datasheet(HTML) 65 Page - Texas Instruments

Back Button TAS5548DCAR Datasheet HTML 61Page - Texas Instruments TAS5548DCAR Datasheet HTML 62Page - Texas Instruments TAS5548DCAR Datasheet HTML 63Page - Texas Instruments TAS5548DCAR Datasheet HTML 64Page - Texas Instruments TAS5548DCAR Datasheet HTML 65Page - Texas Instruments TAS5548DCAR Datasheet HTML 66Page - Texas Instruments TAS5548DCAR Datasheet HTML 67Page - Texas Instruments TAS5548DCAR Datasheet HTML 68Page - Texas Instruments TAS5548DCAR Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 116 page
background image
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
7.6.2.12 Modulation Index Limit Register (0x16, 0x17, 0x18, 0x19)
Note that some power stages require a lower modulation limit than the default of 93.7%. Contact Texas
Instruments for more details about the requirements for a particular power stage.
Table 26. Modulation Limit Register Format
LIMIT
MIN WIDTH
MODULATION
Di
Di+3
Di+2
Di+1
(i=0 or 4)
[DCLKs]
[DCLKs]
INDEX
0
0
0
0
1
2
99.21%
0
0
0
1
2
4
98.43%
0
0
1
0
3
6
97.64%
0
0
1
1
4
8
96.85%
0
1
0
0
5
10
96.06%
0
1
0
1
6
12
95.28%
0
1
1
0
7
14
94.49%
0
1
1
1
8
16
93.70%
1
0
0
0
9
18
92.91%
1
0
0
1
10
20
92.13%
1
0
1
0
11
22
91.34%
1
0
1
1
12
24
90.55%
1
1
0
0
13
26
89.76%
1
1
0
1
14
28
88.98%
1
1
1
0
15
30
88.19%
1
1
1
1
16
32
87.40%
There are 512 DCLK Cycles per PWM frame.
Table 27. Modulation Index Limit Register
Register Address
D7
D6
D5
D4
D3
D2
D1
D0
x16
Modulation limit for channel 2
Modulation limit for channel 1
x17
Modulation limit for channel 4
Modulation limit for channel 3
x18
Modulation limit for channel 6
Modulation limit for channel 5
x19
Modulation limit for channel 8
Modulation limit for channel 7
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
65
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com