Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5548DCAR Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548DCAR
Description  8-Channel HD Compatible Audio Processor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548DCAR Datasheet(HTML) 35 Page - Texas Instruments

Back Button TAS5548DCAR Datasheet HTML 31Page - Texas Instruments TAS5548DCAR Datasheet HTML 32Page - Texas Instruments TAS5548DCAR Datasheet HTML 33Page - Texas Instruments TAS5548DCAR Datasheet HTML 34Page - Texas Instruments TAS5548DCAR Datasheet HTML 35Page - Texas Instruments TAS5548DCAR Datasheet HTML 36Page - Texas Instruments TAS5548DCAR Datasheet HTML 37Page - Texas Instruments TAS5548DCAR Datasheet HTML 38Page - Texas Instruments TAS5548DCAR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 116 page
background image
28
32
60
32
b
0
28
32
60
b
1
S
28
32
60
b
2
60
28
60
32
a
1
28
60
32
a
2
M0012-01
z
–1
z
–1
Magnitude
Truncation
z
–1
z
–1
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
Figure 33. Biquad Filter Structure
All five coefficients for one biquad filter structure are written to one I2C register containing 20 bytes (or five 32-bit
words). The structure is the same for all biquads in the TAS5548. Registers 0x51–0x88 show all the biquads in
the TAS5548. Note that u[31:28] bits are unused and default to 0x0.
Table 7. Contents of One 20-Byte Biquad Filter Register (Default = All-Pass)
INITIALIZATION GAIN COEFFICIENT VALUE
DESCRIPTION
REGISTER FIELD CONTENTS
DECIMAL
HEX
b0 coefficient
u[31:28], b0[27:24], b0[23:16], b0[15:8], b0[7:0]
1.0
0x00, 0x80, 0x00, 0x00
b1 coefficient
u[31:28], b1[27:24], b1[23:16], b1[15:8], b1[7:0]
0.0
0x00, 0x00, 0x00, 0x00
b2 coefficient
u[31:28], b2[27:24], b2[23:16], b2[15:8], b2[7:0]
0.0
0x00, 0x00, 0x00, 0x00
a1 coefficient
u[31:28], a1[27:24], a1[23:16], a1[15:8], a1[7:0]
0.0
0x00, 0x00, 0x00, 0x00
a2 coefficient
u[31:28], a2[27:24], a2[23:16], a2[15:8], a2[7:0]
0.0
0x00, 0x00, 0x00, 0x00
7.4.13 Bass and Treble Controls
In post-SRC 96kHz processing mode, the TAS5548 has four bass and treble tone control groups. Each control
has a ±18-dB control range with selectable corner frequencies and second-order slopes. These controls operate
four channel groups:
•
L, R, and C (channels 1, 2, and 7)
•
LS, RS (channels 3 and 4)
•
LBS, RBS (alternatively called L and R lineout) (channels 5 and 6)
•
Sub (channel 8)
For post-SRC 192-kHz data, the TAS5548 has two bass and treble tone controls. Each control has a ±18-dB I2C
control range with selectable corner frequencies and second-order slopes. These controls operate two channel
groups:
•
L, R and C
•
Sub
–
Sub only has bass and no treble.
The bass and treble filters use a soft update rate that does not produce artifacts during adjustment.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com