Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5548DCAR Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548DCAR
Description  8-Channel HD Compatible Audio Processor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548DCAR Datasheet(HTML) 89 Page - Texas Instruments

Back Button TAS5548DCAR Datasheet HTML 85Page - Texas Instruments TAS5548DCAR Datasheet HTML 86Page - Texas Instruments TAS5548DCAR Datasheet HTML 87Page - Texas Instruments TAS5548DCAR Datasheet HTML 88Page - Texas Instruments TAS5548DCAR Datasheet HTML 89Page - Texas Instruments TAS5548DCAR Datasheet HTML 90Page - Texas Instruments TAS5548DCAR Datasheet HTML 91Page - Texas Instruments TAS5548DCAR Datasheet HTML 92Page - Texas Instruments TAS5548DCAR Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 116 page
background image
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
Bits D7–D3 are reserved.
Table 70. Channels 7, 2, and 1 (Center, Right Front, and Left Front)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
0
0
0
No change
0
0
0
0
0
0
0
1
Treble filter set 1
0
0
0
0
0
0
1
0
Treble filter set 2
0
0
0
0
0
0
1
1
Treble filter set 3
0
0
0
0
0
1
0
0
Treble filter set 4
0
0
0
0
0
1
0
1
Treble filter set 5
0
0
0
0
0
1
1
0
Illegal
0
0
0
0
0
1
1
1
Illegal
7.6.2.40 Treble Filter Index (0xDD)
Index values above 0x24 are invalid. To use the bass and treble function, the bass and treble bypass registers
(0x89 - 0x90) must be configured as inline (enabled).
Table 71. Treble Filter Index Register Format
REGISTER
I2C
TOTAL BYTES
DESCRIPTION OF CONTENTS
DEFAULT STATE
SUBADDRESS
NAME
0xDD
4
Treble filter index (TFI)
Ch8_TFI[31:24], Ch65_TFI[23:16],
1212 1212
Ch43_TFI[15:8], Ch721_TFI[7:0]
Table 72. Treble Filter Indexes
TREBLE INDEX VALUE
ADJUSTMENT (dB)
TREBLE INDEX VALUE
ADJUSTMENT (dB)
0x00
18
0x13
–1
0x01
17
0x14
–2
0x02
16
0x15
–3
0x03
15
0x16
–4
0x04
14
0x17
–5
0x05
13
0x18
–6
0x\06
12
0x19
–7
0x07
11
0x1A
–8
0x08
10
0x1B
–9
0x09
9
0x1C
–10
0x0A
8
0x1D
–11
0x0B
7
0x1E
–12
0x0C
6
0x1F
–13
0x0D
5
0x20
–14
0x0E
4
0x21
–15
0x0F
3
0x22
–16
0x10
2
0x23
–17
0x11
1
0x24
–18
0x12
0
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
89
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com