Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAFC504 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # SAFC504
Description  8-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC504 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button SAFC504 Datasheet HTML 35Page - Infineon Technologies AG SAFC504 Datasheet HTML 36Page - Infineon Technologies AG SAFC504 Datasheet HTML 37Page - Infineon Technologies AG SAFC504 Datasheet HTML 38Page - Infineon Technologies AG SAFC504 Datasheet HTML 39Page - Infineon Technologies AG SAFC504 Datasheet HTML 40Page - Infineon Technologies AG SAFC504 Datasheet HTML 41Page - Infineon Technologies AG SAFC504 Datasheet HTML 42Page - Infineon Technologies AG SAFC504 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
C504
Data Sheet
35
2000-05
Figure 19
Block Diagram of the Oscillator Watchdog
Power Saving Modes
The C504 provides two power saving modes, the idle mode and the power down mode.
– In the idle mode, the oscillator of the C504 continues to run, but the CPU is gated
off from the clock signal. However, the interrupt system, the serial port, the A/D
Converter, and all timers with the exception of the Watchdog Timer, are further
provided with the clock. The CPU status is preserved in its entirety: the stack
pointer, program counter, program status word, accumulator, and all other registers
maintain their data during idle mode.
– In the power down mode, the RC oscillator and the on-chip oscillator which
operates with the XTAL pins are both stopped. Therefore all functions of the
microcontroller are stopped and only the contents of the on-chip RAM, XRAM and
the SFRs are maintained. The port pins, which are controlled by their port latches,
output the values that are held by their SFRs.
Table 10 gives a general overview of the entry and exit procedures of the power saving
modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com