Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAFC504 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # SAFC504
Description  8-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC504 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button SAFC504 Datasheet HTML 9Page - Infineon Technologies AG SAFC504 Datasheet HTML 10Page - Infineon Technologies AG SAFC504 Datasheet HTML 11Page - Infineon Technologies AG SAFC504 Datasheet HTML 12Page - Infineon Technologies AG SAFC504 Datasheet HTML 13Page - Infineon Technologies AG SAFC504 Datasheet HTML 14Page - Infineon Technologies AG SAFC504 Datasheet HTML 15Page - Infineon Technologies AG SAFC504 Datasheet HTML 16Page - Infineon Technologies AG SAFC504 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
C504
Data Sheet
9
2000-05
V
AGND
39
–
Reference ground for the A/D converter.
V
SS
16
–
Ground (0 V)
V
DD
17
–
Power Supply (+ 5 V)
1) I = Input,
O = Output
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
(P-MQFP-44)
I/O
1)
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com