Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAFC504 Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # SAFC504
Description  8-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC504 Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button SAFC504 Datasheet HTML 45Page - Infineon Technologies AG SAFC504 Datasheet HTML 46Page - Infineon Technologies AG SAFC504 Datasheet HTML 47Page - Infineon Technologies AG SAFC504 Datasheet HTML 48Page - Infineon Technologies AG SAFC504 Datasheet HTML 49Page - Infineon Technologies AG SAFC504 Datasheet HTML 50Page - Infineon Technologies AG SAFC504 Datasheet HTML 51Page - Infineon Technologies AG SAFC504 Datasheet HTML 52Page - Infineon Technologies AG SAFC504 Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
C504
Data Sheet
45
2000-05
Parameter Interpretation
The parameters listed in the following partly represent the characteristics of the C504
and partly its demands on the system. To aid in interpreting the parameters right, when
evaluating them for a design, they are marked in column “Symbol”:
CC (Controller Characteristics):
The logic of the C504 will provide signals with the respective characteristics.
SR (System Requirement):
The external system must provide signals with the respective characteristics to the
C504.
DC Characteristics
(Operating Conditions apply)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
max.
Input low voltage
(except EA, RESET,
CTRAP)
V
IL
SR – 0.5
0.2
V
DD
– 0.1
V–
Input low voltage (EA)
V
IL1
SR – 0.5
0.2
V
DD
– 0.3
V–
Input low voltage
(RESET, CTRAP)
V
IL2
SR – 0.5
0.2
V
DD +
0.1
V–
Input high voltage
(except XTAL1, RESET and
CTRAP)
V
IH
SR 0.2
V
DD +
0.9
V
DD + 0.5
V
11)
Input high voltage to XTAL1
V
IH1
SR 0.7
V
DD
V
DD + 0.5
V
–
Input high voltage to
RESET and CTRAP
V
IH2
SR 0.6
V
DD
V
DD + 0.5
V
–
Output low voltage
(Ports 1, 2, 3, COUT3)
V
OL
CC –
0.45
V
I
OL =1.6 mA
1)
Output low voltage
(Port 0, ALE, PSEN)
V
OL1
CC –
0.45
V
I
OL =3.2 mA
1)
Output high voltage
(Ports 1, 2, 3)
V
OH
CC 2.4
0.9
V
DD
–
–
V
I
OH =– 80 µA
I
OH =– 10 µA
Output high voltage
(Ports 1, 3 pins in push-pull
mode and COUT3)
V
OH1
CC 0.9
V
DD
–V
I
OH =– 800 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com