Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAFC504 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # SAFC504
Description  8-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC504 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button SAFC504 Datasheet HTML 8Page - Infineon Technologies AG SAFC504 Datasheet HTML 9Page - Infineon Technologies AG SAFC504 Datasheet HTML 10Page - Infineon Technologies AG SAFC504 Datasheet HTML 11Page - Infineon Technologies AG SAFC504 Datasheet HTML 12Page - Infineon Technologies AG SAFC504 Datasheet HTML 13Page - Infineon Technologies AG SAFC504 Datasheet HTML 14Page - Infineon Technologies AG SAFC504 Datasheet HTML 15Page - Infineon Technologies AG SAFC504 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
C504
Data Sheet
8
2000-05
PSEN
26
O
The Program Store Enable
output is a control signal that enables the external
program memory to the bus during external fetch
operations. It is activated every six oscillator periods
except during external data memory accesses.
Remains high during internal program execution.
ALE
27
O
The Address Latch Enable
output is used for latching the low-byte of the
address into external memory during normal
operation. It is activated every six oscillator periods
except during an external data memory access.
When instructions are executed from internal ROM
(EA = 1) the ALE generation can be disabled by
clearing bit EALE in SFR SYSCON.
COUT3
28
O
10-Bit compare channel output
This pin is used for the output signal of the 10-bit
Compare Timer 2 unit. COUT3 can be disabled and
set to a high or low state.
EA
29
I
External Access Enable
When held at high level, instructions are fetched
from the internal ROM (C504-2R only) when the PC
is less than 4000H. When held at low level, the C504
fetches all instructions from external program
memory.
For the C504-L, this pin must be tied low.
P0.0 - P0.7 37 - 30
I/O
Port 0
is an 8-bit open-drain bidirectional I/O port. Port 0
pins that have “1”s written to them float; and in that
state, can be used as high-impedance inputs. Port 0
is also the multiplexed low-order address and data
bus during accesses to external program or data
memory. In this application, it uses strong internal
pullup resistors when issuing “1” s.
Port 0 also outputs the code bytes during program
verification in the C504-2R. External pullup resistors
are required during program (ROM) verification.
V
AREF
38
–
Reference voltage for the A/D converter.
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
(P-MQFP-44)
I/O
1)
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com