Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAFC504 Datasheet(PDF) 51 Page - Infineon Technologies AG

Part # SAFC504
Description  8-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC504 Datasheet(HTML) 51 Page - Infineon Technologies AG

Back Button SAFC504 Datasheet HTML 47Page - Infineon Technologies AG SAFC504 Datasheet HTML 48Page - Infineon Technologies AG SAFC504 Datasheet HTML 49Page - Infineon Technologies AG SAFC504 Datasheet HTML 50Page - Infineon Technologies AG SAFC504 Datasheet HTML 51Page - Infineon Technologies AG SAFC504 Datasheet HTML 52Page - Infineon Technologies AG SAFC504 Datasheet HTML 53Page - Infineon Technologies AG SAFC504 Datasheet HTML 54Page - Infineon Technologies AG SAFC504 Datasheet HTML 55Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 71 page
background image
C504
Data Sheet
47
2000-05
Notes:
1) Capacitive loading on Ports 0 and 2 may cause spurious noise pulses to be superimposed on the
V
OL of ALE
and Port 3. The noise is due to external bus capacitance discharging into the Port 0 and Port 2 pins when these
pins make 1-to-0 transitions during bus operation. In the worst case (capacitive loading > 100 pF), the noise
pulse on ALE line may exceed 0.8 V. In such cases, it may be desirable to qualify ALE with a Schmitt-trigger,
or use an address latch with a Schmitt-trigger strobe input.
2) Capacitive loading on Ports 0 and 2 may cause the
V
OH on ALE and PSEN to momentarily fall below the
0.9
V
DD specification when the address lines are stabilizing.
3)
I
PD (power-down mode) is measured under following conditions:
EA =Port 0=
V
DD; RESET = VSS ; XTAL2 = N.C.; XTAL1 = VSS; VAGND = VSS; all other pins are disconnected.
4)
I
DD (active mode) is measured with:
XTAL1 driven with
t
CLCH, tCHCL = 5 ns, VIL = VSS +0.5 V, VIH = VDD – 0.5 V; XTAL2 = N.C.;
EA = Port 0 = Port 1 = RESET =
V
DD; all other pins are disconnected. IDD would be slightly higher if a crystal
oscillator is used (appr. 1 mA).
5)
I
DD (idle mode) is measured with all output pins disconnected and with all peripherals disabled;
XTAL1 driven with
t
CLCH, tCHCL = 5 ns, VIL = VSS +0.5 V, VIH = VDD – 0.5 V; XTAL2 = N.C.;
RESET = EA =
V
SS; Port 0 = VDD; all other pins are disconnected;
6) Overload conditions occur if the standard operating conditions are exceeded, i.e. the voltage on any pin
exceeds the specified range (i.e.
V
OV > VDD + 0.5 V or VOV < VSS – 0.5 V). The supply voltage VDD and VSS
must remain within the specified limits. The absolute sum of input currents on all port pins may not exceed
50 mA.
7) Not 100 % tested, guaranteed by design characterization.
8) The typical
I
DD values are periodically measured at T
A = + 25 °C and VDD = 5 V but not 100% tested.
9) The maximum
I
DD values are measured under worst case conditions (TA = 0°C or –40°C and VDD =5.5 V)
10)This
V
PP specification is valid for devices with version byte 2 = 02H or higher. Devices with version byte 2
= 01H must be programmed with
V
PP =12V ± 5%.
11)For the C504-2E ES-AA-step the
V
IH min. for EA is 0.8 VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com