Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAFC504 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # SAFC504
Description  8-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC504 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button SAFC504 Datasheet HTML 6Page - Infineon Technologies AG SAFC504 Datasheet HTML 7Page - Infineon Technologies AG SAFC504 Datasheet HTML 8Page - Infineon Technologies AG SAFC504 Datasheet HTML 9Page - Infineon Technologies AG SAFC504 Datasheet HTML 10Page - Infineon Technologies AG SAFC504 Datasheet HTML 11Page - Infineon Technologies AG SAFC504 Datasheet HTML 12Page - Infineon Technologies AG SAFC504 Datasheet HTML 13Page - Infineon Technologies AG SAFC504 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
C504
Data Sheet
6
2000-05
P3.0 - P3.7 5, 7 - 13
5
7
8
9
10
11
12
13
I/O
Port 3
is an 8-bit bidirectional port. P3.0 (R
×D) and P3.1
(T
×D) operate as defined for the C501. P3.2 to P3.7
contain the external interrupt inputs, timer inputs,
and four of the analog inputs of the A/D converter.
Port 3 pins are assigned to be used as analog inputs
via the bits of SFR P3ANA. P3.6/WR can be
assigned as a third interrupt input.
The functions are assigned to the pins of port 3 as
follows:
P3.0 / RxD
Receiver data input (asynch.) or
data input/output (synch.) of
serial interface
P3.1 / TxD
Transmitter data output
(asynch.) or clock output
(synch.) of serial interface
P3.2 / AN4 / INT0 Analog input channel 4 /
external interrupt 0 input /
Timer 0 gate control input
P3.3 / AN5 / INT1 Analog input channel 5 /
external interrupt 1 input /
Timer 1 gate control input
P3.4 / AN6 / T0
Analog input channel 6 / Timer 0
counter input
P3.5 / AN7 / T1
Analog input channel 7 / Timer 1
counter input
P3.6 / WR / INT2
WR control output; latches the
data byte from port 0 into the
external data memory /
external interrupt 2 input
P3.7 / RD
RD control output; enables the
external data memory
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
(P-MQFP-44)
I/O
1)
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com