Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAFC504 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # SAFC504
Description  8-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC504 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button SAFC504 Datasheet HTML 26Page - Infineon Technologies AG SAFC504 Datasheet HTML 27Page - Infineon Technologies AG SAFC504 Datasheet HTML 28Page - Infineon Technologies AG SAFC504 Datasheet HTML 29Page - Infineon Technologies AG SAFC504 Datasheet HTML 30Page - Infineon Technologies AG SAFC504 Datasheet HTML 31Page - Infineon Technologies AG SAFC504 Datasheet HTML 32Page - Infineon Technologies AG SAFC504 Datasheet HTML 33Page - Infineon Technologies AG SAFC504 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 71 page
background image
C504
Data Sheet
26
2000-05
Serial Interface (USART)
The serial port is full duplex and can operate in four modes (one synchronous mode,
three asynchronous modes) as illustrated in Table 6. The possible baud rates can be
calculated using the formulas given in Table 6.
Figure 13
Baud Rate Generation for the Serial Interface
Table 6
USART Operating Modes
Mode
SCON
Baud Rate
Description
SM0
SM1
00
0
f
OSC/12
Serial data enters and exits through
R
×D. T×D outputs the shift clock. 8-bit
are transmitted/received (LSB first)
1
0
1
Timer 1/2 overflow rate 8-bit UART
10 bits are transmitted (through T
×D)
or received (R
×D)
21
0
f
OSC/32 or fOSC/64
9-bit UART
11 bits are transmitted (T
×D) or
received (R
×D)
3
1
1
Timer 1/2 overflow rate 9-bit UART
Like mode 2 except the variable baud
rate
2
SM0 / SM1
PCON.7
(SMOD)
(RCLK, TCLK)
T2CON
Timer 1
Overflow
Phase 2
CLK
(=
/2)
f OSC
Timer 2
Overflow
Mode 1, 3
Mode 2
00
11
MCB02414
Baud
Rate
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com