Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAFC504 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # SAFC504
Description  8-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC504 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button SAFC504 Datasheet HTML 17Page - Infineon Technologies AG SAFC504 Datasheet HTML 18Page - Infineon Technologies AG SAFC504 Datasheet HTML 19Page - Infineon Technologies AG SAFC504 Datasheet HTML 20Page - Infineon Technologies AG SAFC504 Datasheet HTML 21Page - Infineon Technologies AG SAFC504 Datasheet HTML 22Page - Infineon Technologies AG SAFC504 Datasheet HTML 23Page - Infineon Technologies AG SAFC504 Datasheet HTML 24Page - Infineon Technologies AG SAFC504 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
C504
Data Sheet
17
2000-05
Table 2
Special Function Registers - Functional Blocks
Block
Symbol Name
Addr.
Contents
after
Reset
CPU
ACC
B
DPH
DPL
PSW
SP
SYSCON
Accumulator
B-Register
Data Pointer, High Byte
Data Pointer, Low Byte
Program Status Word Register
Stack Pointer
System Control Register
E0
H
1)
F0
H
1)
83
H
82
H
D0
H
1)
81
H
B1
H
00
H
00
H
00
H
00
H
00
H
07
H
XX10XXX0
B
3)
Interrupt
System
IEN0
IEN1
CCIE
2)
IP0
IP1
ITCON
Interrupt Enable Register 0
Interrupt Enable Register 1
Capture/Compare Interrupt Enable Reg.
Interrupt Priority Register 0
Interrupt Priority Register 1
Interrupt Trigger Condition Register
A8
H
1)
A9
H
D6
H
B8
H
1)
B9
H
9A
H
0X000000
B
3)
XX000000
B
3)
00
H
XX000000
B
3)
XX000000
B
3)
00101010
B
Ports
P0
P1
P1ANA
2)
P2
P3
P3ANA
2)
Port 0
Port 1
Port 1 Analog Input Selection Register
Port 2
Port 3
Port 3 Analog Input Selection Register
80
H
1)
90
H
1)
90
H
1) 4)
A0
H
1)
B0
H
1)
B0
H
1) 4)
FF
H
FF
H
XXXX1111
B
3)
FF
H
FF
H
XX1111XX
B
3)
A/D-
Converter
ADCON0
ADCON1
ADDATH
ADDATL
P1ANA
2)
P3ANA
2)
A/D Converter Control Register 0
A/D Converter Control Register 1
A/D Converter Data Register High Byte
A/D Converter Data Register Low Byte
Port 1 Analog Input Selection Register
Port 3 Analog Input Selection Register
D8H
1)
DC
H
D9
H
DA
H
90
H
1) 4)
B0
H
1) 4)
XX000000
B
3)
01XXX000
B
3)
00
H
00XXXXXX
B
3)
XXXX1111
B
3)
XX1111XX
B
3)
Serial
Channels
PCON
2)
SBUF
SCON
Power Control Register
Serial Channel Buffer Register
Serial Channel Control Register
87
H
99
H
98
H
1)
000X0000
B
XX
H
3)
00
H
Timer 0/
Timer 1
TCON
TH0
TH1
TL0
TL1
TMOD
Timer 0/1 Control Register
Timer 0, High Byte
Timer 1, High Byte
Timer 0, Low Byte
Timer 1, Low Byte
Timer Mode Register
88
H
1)
8C
H
8D
H
8A
H
8B
H
89
H
00
H
00
H
00
H
00
H
00
H
00
H
1) Bit-addressable special function registers
2) This special function register is listed repeatedly since some bits of it also belong to other functional blocks.
3) X means that the value is undefined and the location is reserved
4) SFR is located in the mapped SFR area. For accessing this SFR, bit RMAP in SFR SYSCON must be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com