Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT700 Datasheet(PDF) 29 Page - Aeroflex Circuit Technology

Part # UT700
Description  UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT700 Datasheet(HTML) 29 Page - Aeroflex Circuit Technology

Back Button UT700 Datasheet HTML 25Page - Aeroflex Circuit Technology UT700 Datasheet HTML 26Page - Aeroflex Circuit Technology UT700 Datasheet HTML 27Page - Aeroflex Circuit Technology UT700 Datasheet HTML 28Page - Aeroflex Circuit Technology UT700 Datasheet HTML 29Page - Aeroflex Circuit Technology UT700 Datasheet HTML 30Page - Aeroflex Circuit Technology UT700 Datasheet HTML 31Page - Aeroflex Circuit Technology UT700 Datasheet HTML 32Page - Aeroflex Circuit Technology UT700 Datasheet HTML 33Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
29
36-00-00-000
Ver. 1.3.1
Aeroflex Microelectronics Solutions - HiRel
4.2 Output Timing Characteristics for Memory Interface, ERROR, and WDOG
(VDD = 3.3V + 0.3V; VDDC = 1.2V + 0.1V; TC = -55
oC to 105oC)
Notes:
1. All outputs are measured using the load conditions shown in Figure 17.
2. CB[7] is not tested in the case of BCH EDAC.
3. High-Z defined as +/-300mV change from steady state.
4. Guaranteed by design.
Symbol
Description
Min
Max
Units
t1a1
SDCLK
to ADDR[27:0] valid
1.5
8.5
ns
t1b1
SDCLK
to SDCS[1:0] valid
2
7.5
ns
t1c1
SDCLK
to output valid
SDRAS, SDCAS, and SDWE
1.5
8.5
ns
t1d1
SDCLK
to SDDQM[3:0] valid
2.5
8.5
ns
t1e1
SDCLK
to output valid
(WRITE, OE, IOS, ROMS[1:0], RWE [3:0], RAMOE [4:0],
RAMS[4:0], and READ)
18
ns
t21,2
SDCLK
to output valid
(DATA[31:0] and CB[15:0])
2.5
8.5
ns
t31,2,3
SDCLK
to output high-Z
(DATA[31:0] and CB[15:0])
2.5
8.5
ns
t41
SDCLK
to signal low
(ERROR and WDOG4)
--
10
ns
t81,2,3
WRITE
or RWE[3:0]to output high-z
(DATA [31:0] and CB[15:0])
0.5
--
ns
t91
Skew from first memory output signal transition to last memory output
signal transition
--
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com