Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT700 Datasheet(PDF) 36 Page - Aeroflex Circuit Technology

Part # UT700
Description  UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT700 Datasheet(HTML) 36 Page - Aeroflex Circuit Technology

Back Button UT700 Datasheet HTML 32Page - Aeroflex Circuit Technology UT700 Datasheet HTML 33Page - Aeroflex Circuit Technology UT700 Datasheet HTML 34Page - Aeroflex Circuit Technology UT700 Datasheet HTML 35Page - Aeroflex Circuit Technology UT700 Datasheet HTML 36Page - Aeroflex Circuit Technology UT700 Datasheet HTML 37Page - Aeroflex Circuit Technology UT700 Datasheet HTML 38Page - Aeroflex Circuit Technology UT700 Datasheet HTML 39Page - Aeroflex Circuit Technology UT700 Datasheet HTML 40Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
36
36-00-00-000
Ver. 1.3.1
Aeroflex Microelectronics Solutions - HiRel
4.7 Timing Characteristics for Ethernet Interface
(VDD = 3.3V + 0.3V; VDDC = 1.2V + 0.1V; TC = -55
oC to 105oC)
Notes:
1. All outputs are measured using the load conditions shown in Figure 17.
2. ERX_ER timing is guaranteed by design.
3. ERX_COL and ERX_CRS are asynchronous inputs and are not tested.
4. tAMBA is defined as tSYSCLK for NODIV = 1 and tSYSCLK * 2 for NODIV = 0.
5. Guaranteed by design.
Figure 13. Ethernet Transmit and Receive Timing
Figure 14. Ethernet MDIO Interface Timing
Symbol
Description
Conditions
Min
Max
Units
t251
ETX_CLK
to output valid
(ETXD[3:0], and ETX_EN)
--
12
ns
t262,3
Setup time to ERX_CLK
(ERX_DV, ERX_ER, and ERXD[3:0])
1--
ns
t272,3
Hold time from ERX_CLK
(ERX_DV, ERX_ER, and ERXD[3:0])
1--
ns
t281
EMDC
to output valid (EMDIO)
-4+tAMBA
4
4+tAMBA
4
ns
t295
Setup time to EMDC
(EMDIO)
10
--
ns
t305
Hold time from EMDC
(EMDIO)
10
--
ns
t27
t26
t25
ETX_CLK
All Outputs
ERX_CLK
All Inputs
t30
t29
t28
EMDC
EMDIO (Output)
EMDIO (Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com