Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT700 Datasheet(PDF) 15 Page - Aeroflex Circuit Technology

Part # UT700
Description  UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT700 Datasheet(HTML) 15 Page - Aeroflex Circuit Technology

Back Button UT700 Datasheet HTML 11Page - Aeroflex Circuit Technology UT700 Datasheet HTML 12Page - Aeroflex Circuit Technology UT700 Datasheet HTML 13Page - Aeroflex Circuit Technology UT700 Datasheet HTML 14Page - Aeroflex Circuit Technology UT700 Datasheet HTML 15Page - Aeroflex Circuit Technology UT700 Datasheet HTML 16Page - Aeroflex Circuit Technology UT700 Datasheet HTML 17Page - Aeroflex Circuit Technology UT700 Datasheet HTML 18Page - Aeroflex Circuit Technology UT700 Datasheet HTML 19Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
15
36-00-00-000
Ver. 1.3.1
Aeroflex Microelectronics Solutions - HiRel
2.19 Power and Ground Pins
1553RXA
I
C13
--
MIL-STD-1553B Receive Positive A
1553RXA
I
D12
--
MIL-STD-1553B Receive Negative A
1553RXB
I
C8
--
MIL-STD-1553B Receive Positive B
1553RXB
I
C9
--
MIL-STD-1553B Receive Negative B
1553RXENA
O
D11
high-z
MIL-STD-1553B Receive Enable A
1553RXENB
O
D9
high-z
MIL-STD-1553B Receive Enable B
1553TXINHA
O
D13
high-z
MIL-STD-1553B Transmit Inhibit A
1553TXINHB
O
D10
high-z
MIL-STD-1553B Transmit Inhibit B
1553TXA
O
D14
high-z
MIL-STD-1553B Transmit Positive A
1553TXA
O
C14
high-z
MIL-STD-1553B Transmit Negative A
1553TXB
O
B10
high-z
MIL-STD-1553B Transmit Positive B
1553TXB
O
C10
high-z
MIL-STD-1553B Transmit Negative B
Pin Name
Pin Number
Description
484 CLGA
VDD
B1, B12, B22, E7, E9, E14, E16, F6, F10, F13, F17, G5, G9, G14,
H6, H8, H10, H13, H15, J7, J16, K5, K8, K15, K17, L6, M6, N5, N8,
N15, N17, P7, P16, R6, R8, R10, R13, R15, T5, T9, T14, U6, U9,
U11, U12, U14, U17, V10, V13, AA1, AA22
I/O supply voltage
VSS
A1, A12, A22, E6, F4, G4, G8, G11, G12, G15, G17, H4, H7, H16,
H18, J2, J4, J9, J14, K4, K10, K13, L7, L11, L12, L17, M7, M11,
M12, M17, N4, N10, N13, P4, P9, P14, R4, R7, R16, T2, T4, T8,
T15, T17, U4, U10, U13, V4, V5, V8, V11, V12, V15, AB1, AB22
I/O supply ground
VDDC
A2, A21, E5, F8, F15, G7, G10, G13, G16, G18, H5, H9, H11, H12,
H14, H17, J6, J8, J15, K7, K16, L8, L15, L18, M4, M8, M15, N7,
N16, P6, P8, P15, R5, R9, R11, R12, R14, R17, T7, T10, T13, T16,
U8, U15, V6, V17, AB2, AB21
Core supply voltage
VSSC
A10, E8, E15, F5, F7, F9, F11, F12, F14, F16, F18, G6, H21, J5, J10,
J11, J12, J13, J17, K6, K9, K11, K12, K14, K18, L5, L9, L10, L13,
L14, L16, M5, M9, M10, M13, M14, M16, N6, N9, N11, N12, N14,
P5, P10, P11, P12, P13, P17, T6, T11, T12, U5, U7, U16, U21, V7,
V14, V16
Core supply ground
Pin Name
Direction
Pin
Number
Reset
Value
Description
484 CLGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com