Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS4433 Datasheet(PDF) 81 Page - ATMEL Corporation

Part # AT90LS4433
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433 Datasheet(HTML) 81 Page - ATMEL Corporation

Back Button AT90LS4433 Datasheet HTML 77Page - ATMEL Corporation AT90LS4433 Datasheet HTML 78Page - ATMEL Corporation AT90LS4433 Datasheet HTML 79Page - ATMEL Corporation AT90LS4433 Datasheet HTML 80Page - ATMEL Corporation AT90LS4433 Datasheet HTML 81Page - ATMEL Corporation AT90LS4433 Datasheet HTML 82Page - ATMEL Corporation AT90LS4433 Datasheet HTML 83Page - ATMEL Corporation AT90LS4433 Datasheet HTML 84Page - ATMEL Corporation AT90LS4433 Datasheet HTML 85Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 126 page
background image
81
AT90S/LS4433
1042H–AVR–04/03
Port D as General Digital I/O
PDn, General I/O pin: The DDDn bit in the DDRD Register selects the direction of this
pin. If DDDn is set (one), PDn is configured as an output pin. If DDDn is cleared (zero),
PDn is configured as an input pin. If PDn is set (one) when configured as an input pin,
the MOS pull-up resistor is activated. To switch the pull-up resistor off, the PDn has to
be cleared (zero) or the pin has to be configured as an output pin.The port pins are tri-
stated when a reset condition becomes active, even if the clock is not running.
Note:
1. n: 7,6..0, pin number.
Alternate Functions of Port D
• AIN1 – Port D, Bit 7
AIN1, Analog Comparator Negative Input. When configured as an input (DDD7 is
cleared [zero]), and with the internal MOS pull-up resistor switched off (PD7 is cleared
[zero]), this pin also serves as the negative input of the On-chip Analog Comparator.
During Power-down mode, the Schmitt trigger of the digital input is disconnected. This
allows analog signals, which are close to V
CC/2, to be present during Power-down with-
out causing excessive power consumption.
• AIN0 – Port D, Bit 6
AIN0, Analog Comparator Positive Input. When configured as an input (DDD6 is cleared
[zero]), and with the internal MOS pull-up resistor switched off (PD6 is cleared [zero]),
this pin also serves as the positive input of the On-chip Analog Comparator. During
Power-down mode, the Schmitt trigger of the digital input is disconnected. This allows
analog signals, which are close to V
CC/2, to be present during Power-down without
causing excessive power consumption.
• T1 – Port D, Bit 5
T1, Timer/Counter1 Counter Source. See the Timer description for further details
• T0 – Port D, Bit 4
T0: Timer/Counter0 Counter Source. See the Timer description for further details.
• INT1 – Port D, Bit 3
INT1, External Interrupt Source 1: The PD3 pin can serve as an external interrupt
source to the MCU. See the interrupt description for further details and how to enable
the source.
• INT0 – Port D, Bit 2
INT0, External Interrupt Source 0: The PD2 pin can serve as an external interrupt
source to the MCU. See the interrupt description for further details and how to enable
the source.
Table 27. DDDn Bits on Port D Pins
(1)
DDDn
PORTDn
I/O
Pull-up
Comment
0
0
Input
No
Tri-state (high-Z)
0
1
Input
Yes
PDn will source current if ext. pulled low.
1
0
Output
No
Push-pull Zero Output
1
1
Output
No
Push-pull One Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com