Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS4433 Datasheet(PDF) 60 Page - ATMEL Corporation

Part # AT90LS4433
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433 Datasheet(HTML) 60 Page - ATMEL Corporation

Back Button AT90LS4433 Datasheet HTML 56Page - ATMEL Corporation AT90LS4433 Datasheet HTML 57Page - ATMEL Corporation AT90LS4433 Datasheet HTML 58Page - ATMEL Corporation AT90LS4433 Datasheet HTML 59Page - ATMEL Corporation AT90LS4433 Datasheet HTML 60Page - ATMEL Corporation AT90LS4433 Datasheet HTML 61Page - ATMEL Corporation AT90LS4433 Datasheet HTML 62Page - ATMEL Corporation AT90LS4433 Datasheet HTML 63Page - ATMEL Corporation AT90LS4433 Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 126 page
background image
60
AT90S/LS4433
1042H–AVR–04/03
Table 19. UBR Settings at Various Crystal Frequencies
Baud Rate
1MHz %Error
1.8432 MHz %Error
2MHz %Error
2.4576 MHz %Error
2400 UBR=
25
0.2 UBR=
47
0.0 UBR=
51
0.2 UBR=
63
0.0
4800 UBR=
12
0.2 UBR=
23
0.0 UBR=
25
0.2 UBR=
31
0.0
9600 UBR=
6
7.5 UBR=
11
0.0 UBR=
12
0.2 UBR=
15
0.0
14400 UBR=
3
7.8 UBR=
70.0 UBR=
8
3.7 UBR=
10
3.1
19200 UBR=
2
7.8 UBR=
50.0 UBR=
6
7.5 UBR=
70.0
28800 UBR=
1
7.8 UBR=
30.0 UBR=
3
7.8 UBR=
4
6.3
38400 UBR=
1
22.9 UBR=
20.0 UBR=
2
7.8 UBR=
30.0
57600 UBR=
0
7.8 UBR=
10.0 UBR=
1
7.8 UBR=
2
12.5
76800 UBR=
0
22.9 UBR=
1
33.3 UBR=
1
22.9 UBR=
10.0
115200 UBR=
0
84.3 UBR=
00.0 UBR=
0
7.8 UBR=
0
25.0
Baud Rate 3.2768 MHz %Error
3.6864 MHz %Error
4MHz %Error
4.608 MHz %Error
2400 UBR=
84
0.4 UBR=
95
0.0 UBR=
103
0.2 UBR=
119
0.0
4800 UBR=
42
0.8 UBR=
47
0.0 UBR=
51
0.2 UBR=
59
0.0
9600 UBR=
20
1.6 UBR=
23
0.0 UBR=
25
0.2 UBR=
29
0.0
14400 UBR=
13
1.6 UBR=
15
0.0 UBR=
16
2.1 UBR=
19
0.0
19200 UBR=
10
3.1 UBR=
11
0.0 UBR=
12
0.2 UBR=
14
0.0
28800 UBR=
61.6 UBR=
70.0 UBR=
8
3.7 UBR=
90.0
38400 UBR=
4
6.3 UBR=
50.0 UBR=
6
7.5 UBR=
7
6.7
57600 UBR=
3
12.5 UBR=
30.0 UBR=
3
7.8 UBR=
40.0
76800 UBR=
2
12.5 UBR=
20.0 UBR=
2
7.8 UBR=
3
6.7
115200 UBR=
1
12.5 UBR=
10.0 UBR=
1
7.8 UBR=
2
20.0
Baud Rate 7.3728 MHz %Error
8MHz %Error
9.216 MHz %Error
11.059 MHz %Error
2400 UBR=
191
0.0 UBR=
207
0.2 UBR=
239
0.0 UBR=
287
-
4800 UBR=
95
0.0 UBR=
103
0.2 UBR=
119
0.0 UBR=
143
0.0
9600 UBR=
47
0.0 UBR=
51
0.2 UBR=
59
0.0 UBR=
71
0.0
14400 UBR=
31
0.0 UBR=
34
0.8 UBR=
39
0.0 UBR=
47
0.0
19200 UBR=
23
0.0 UBR=
25
0.2 UBR=
29
0.0 UBR=
35
0.0
28800 UBR=
15
0.0 UBR=
16
2.1 UBR=
19
0.0 UBR=
23
0.0
38400 UBR=
11
0.0 UBR=
12
0.2 UBR=
14
0.0 UBR=
17
0.0
57600 UBR=
70.0 UBR=
8
3.7 UBR=
90.0 UBR=
11
0.0
76800 UBR=
50.0 UBR=
6
7.5 UBR=
7
6.7 UBR=
80.0
115200 UBR=
30.0 UBR=
3
7.8 UBR=
40.0 UBR=
50.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com